Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 285 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 285 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 278Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 279Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 280Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 281Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 282Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 283Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 284Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 285Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 286Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 285 / 286 page
background image
Appendix B Movement parameter setting of a processor
B-1
Appendix B. Movement parameter setting of a processor
A table explains movement parameter with a processor.
Item
Description
Writeback protocol
These modes are selected by G2SConfig-Register.
Writeback data rate
These modes are selected by G2SConfig-Register.
Clock multiplier
(Clock ratio of MasterClock)
These modes are selected by external pin (DivMode[2:0]) which are loaded at
Power-on or deasserting of ColdReset*.
Endian set
Endian is selected by external pin (Endian) which are loaded at Power-on or
deasserting of ColdReset*.
0: Little Endian
1: Big Endian
Timer Interrupt
Timer-Interrupt is selected by external pin (TintDis).
0: Timer-Interrup is enable
1: Timer-Interrupt is disable
SysAD bus width
SysAD bus width is selected by external pin (BSIZE64*).
0: 64-bit external bus width
1: 32-bit external bus width
SysAD bus protocol type
SysAD bus protocol type is selected by external pin (MODE43*) which are loaded
at Power-on or deasserting of ColdReset*.
0: R4300 type (only support 32-bit external bus width)
1: R5000 type
Note 1: Address (32-bit), D: Double Word (64-bit), W: Word (32-bit), x:Idle cycle
Note 2: Initial set of data rate
Single write:
64-bit width ADxx (R4000 compatible), 32-bit width AWxx
Block write:
64-bit width ADDDD, 32-bit width AWWWWWWWW
00
R4000 compatible
64-bit:ADxx
32-bit:AWxx
01
Reserved
reserved
10
Reissue write
64-bit:AD
32-bit:AW
Write mode
11
Pipeline write
64-bit:AD
32-bit:AW
0
Consecutive
translation
64-bit:ADDDD
32-bit:AWWWWWWW
Date rate
1
Dummy cycle
64-bit:ADxxDxxDxxDxx
32-bit:AWxxWxxWxxWxx
WxxWxxWxxWxx
DivMode[2:0]
EC-bit
ratio
000
010
1:4
001
111
1:2.5
010
000
1:2
011
001
1:3
100
100
1:3.5
101
101
1:4.5
110
110
1:5
111
011
1:6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com