Electronic Components Datasheet Search
  English  ▼

X  

ACT8870 Datasheet(PDF) 9 Page - Qorvo, Inc

Part # ACT8870
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT8870 Datasheet(HTML) 9 Page - Qorvo, Inc

Back Button ACT8870 Datasheet HTML 5Page - Qorvo, Inc ACT8870 Datasheet HTML 6Page - Qorvo, Inc ACT8870 Datasheet HTML 7Page - Qorvo, Inc ACT8870 Datasheet HTML 8Page - Qorvo, Inc ACT8870 Datasheet HTML 9Page - Qorvo, Inc ACT8870 Datasheet HTML 10Page - Qorvo, Inc ACT8870 Datasheet HTML 11Page - Qorvo, Inc ACT8870 Datasheet HTML 12Page - Qorvo, Inc ACT8870 Datasheet HTML 13Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
ACT8870
Advanced PMU for Microcontrollers
and Solid State Drive Applications
Data Sheet Rev. 7.0, Feb. 18, 2020 | Subject to change without notice
9 of 49
www.qorvo.com
®
DIGITAL I/O ELECTRICAL CHARACTERISTICS
(VVIO_IN = 1.8V, TA = 25°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PWREN, EXT_PG Input Low
VVIO_IN = 1.8V
0.4
V
PWREN, EXT_PG Input High
VVIO_IN = 1.8V
1.25
V
PWREN, EXT_PG Input Low
VVIO_IN = 3.3V
1.0
V
PWREN, EXT_PG Input High
VVIO_IN = 3.3V
2.3
V
POK, IRQ, nRESET, nRESET_AUX1, nRESET_AUX2,
GPIO, PG Leakage Current
Output = 5V
1
µA
POK, IRQ, nRESET, nRESET_AUX1, nRESET_AUX2,
GPIO, PG Output Low
IOL = 5mA
0.35
V
EXT_EN Output Low
IOL = 1mA
0.35
V
EXT_EN Output High
IOH = 1mA
VVIO_IN-0.35
V
MODE, GPIO Input Low
VAVIN = 3.3V
1.0
V
MODE, GPIO Input High
VAVIN = 3.3V
2.3
V
MODE, GPIO Input Low
VAVIN = 5.0V
1.5
V
MODE, GPIO Input High
VAVIN = 5.0V
3.5
V
PWREN, EXT_PG, MODE Deglitch Time
10
µs
VVIO_IN UVLO Threshold Falling
1.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com