Electronic Components Datasheet Search
  English  ▼

X  

ACT8870 Datasheet(PDF) 22 Page - Qorvo, Inc

Part # ACT8870
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT8870 Datasheet(HTML) 22 Page - Qorvo, Inc

Back Button ACT8870 Datasheet HTML 18Page - Qorvo, Inc ACT8870 Datasheet HTML 19Page - Qorvo, Inc ACT8870 Datasheet HTML 20Page - Qorvo, Inc ACT8870 Datasheet HTML 21Page - Qorvo, Inc ACT8870 Datasheet HTML 22Page - Qorvo, Inc ACT8870 Datasheet HTML 23Page - Qorvo, Inc ACT8870 Datasheet HTML 24Page - Qorvo, Inc ACT8870 Datasheet HTML 25Page - Qorvo, Inc ACT8870 Datasheet HTML 26Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
ACT8870
Advanced PMU for Microcontrollers
and Solid State Drive Applications
Data Sheet Rev. 7.0, Feb. 18, 2020 | Subject to change without notice
22 of 49
www.qorvo.com
®
SYSTEM CONTROL INFORMATION
General
The ACT8870 is a single-chip integrated power
management
solution
designed
to
power
many
processors such as the Atmel SAMA5D3. It integrates
four highly efficient buck regulators, three LDOs, and an
integrated load bypass switch. Its high integration and
high switching frequency result in an extremely small
footprint and lost power solution. It contains a master
controller that manages startup sequencing, timing,
voltages, slew rates, sleep states, and fault conditions.
I2C configurability allows system level changes without
the need for costly PCB changes. The built-in load
bypass switch enables full sequencing configurability in
3.3V systems.
The ACT8870 master controller monitors all outputs and
reports faults via I2C and hardwired status signals.
Faults can masked and fault levels and responses are
configurable via I2C.
Many
of
the
ACT8870 pins
and functions
are
configurable. The IC’s default functionality is defined by
the default CMI (Code Matrix Index), but much of this
functionality can be changed via I2C. The first part of
the datasheet describes basic IC functionality and
default pin functions. The end of the datasheet provides
the configuration and functionality specific to each CMI
version. Contact sales@active-semi.com for additional
information about other configurations.
I2C Serial Interface
To ensure compatibility with a wide range of systems,
the ACT8870 uses standard I2C commands. The
ACT8870 operates as a slave device, and is addressed
using a 7-bit slave address followed by an eighth bit,
which indicates whether the transaction is a read-
operation or a write-operation. As an example, the 7-bit
slave address 0x5Ah follows the format 1011010x
where “x” is a 0 for write operation and 1 for a read
operation. This results in 0xB4h for write operations and
0xB5h for read operations. Refer to each specific CMI
for the IC’s slave address
7-Bit Slave Address
8-Bit Write
Address
8-Bit Read
Address
0x5Ah
101 1010b
0xB4h
0xB5h
0x5Bh
101 1011b
0xB6h
0xB7h
0x53h
101 0011b
0xA6h
0xA7h
0x55h
101 0101b
0xAAh
0xABh
There is no timeout function in the I2C packet
processing state machine, however, any time the I2C
state machine receives a start bit command, it
immediately resets the packet processing, even if it is in
the middle of a valid packet.
The ACT8870 holds the I2C state machine in reset
during the RESET, Idle, OVUVFLT, and THERMAL
states to avoid a corruption of registers when the
voltage regulators are out of spec.
I2C commands are communicated using the SCL and
SDA pins. SCL is the I2C serial clock input. SDA is the
data input and output. SDA is open drain and must have
a pullup resistor. Signals on these pins must meet timing
requirements in the Electrical Characteristics Table.
I2C Registers
The ACT8870 contains an array of internal registers
contain the IC’s basic instructions for setting up the IC
configuration,
output
voltages,
sequencing,
fault
thresholds, fault masks, etc. These registers are what
give the IC its operating flexibility. The two types of
registers are described below.
Basic Volatile – These are R/W (Read and Write) and
RO (Read only). After the IC is powered, the user can
modify
the
R/W
register
values
to
change
IC
functionality. Changes in functionality include things like
masking certain faults. The RO registers communicate
IC status such as fault conditions. Any changes to these
registers are lost when power is recycled. The default
values are fixed and cannot be changed by the factory
or the end user.
Basic Non-Volatile – These are R/W and RO. After the
IC is powered, the user can modify the R/W register
values
to
change
IC
functionality.
Changes
in
functionality include things like output voltage settings,
startup delay time, and current limit thresholds. Any
changes to these registers are lost when power is
recycled. The default values can be modified at the
factory
to
optimize
IC
functionality
for
specific
applications. Please consult sales@active-semi.com for
custom options and minimum order quantities.
When modifying only certain bits within a register, take
care
to
not
inadvertently
change
other
bits.
Inadvertently changing register contents can lead to
unexpected device behavior.
State Machine
The ACT8870 contains an internal state machine with
five internal states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com