Electronic Components Datasheet Search
  English  ▼

X  

ACT8870 Datasheet(PDF) 4 Page - Qorvo, Inc

Part # ACT8870
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT8870 Datasheet(HTML) 4 Page - Qorvo, Inc

  ACT8870 Datasheet HTML 1Page - Qorvo, Inc ACT8870 Datasheet HTML 2Page - Qorvo, Inc ACT8870 Datasheet HTML 3Page - Qorvo, Inc ACT8870 Datasheet HTML 4Page - Qorvo, Inc ACT8870 Datasheet HTML 5Page - Qorvo, Inc ACT8870 Datasheet HTML 6Page - Qorvo, Inc ACT8870 Datasheet HTML 7Page - Qorvo, Inc ACT8870 Datasheet HTML 8Page - Qorvo, Inc ACT8870 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
ACT8870
Advanced PMU for Microcontrollers
and Solid State Drive Applications
Data Sheet Rev. 7.0, Feb. 18, 2020 | Subject to change without notice
4 of 49
www.qorvo.com
®
ORDERING INFORMATION
PART NUMBER
VOUT1
VOUT2
VOUT3
VOUT4
VLDO1
VLDO2
VLDO3
Device
ID 0x7Dh
7 bit I2C
Address
ACT8870QJ101-T
Off
1.5V
1.25V
3.3V
3.3V
1.8V
2.5V
0x27h
0x5Ah
ACT8870QJ102-T
3.3V
1.5V/1.35V
1.2V/1.8V
1.15V
3.3V
1.8V
1.8V
0x0Bh
0x5Ah
ACT8870QJ104-T
3.3V
1.5V/1.35V
1.2V/1.8V
1.2V
3.3V
1.8V
1.8V
0x0Dh
0x5Ah
ACT8870QJ110-T
2.7V
0.9V
1.2V
1.2V/1.8V
1.8V
1.8V
2.5V
0x12h
0x53h
ACT 88 70Q Jxxx-T
CMI Option
Pin Count
Package Code
Product Number
Tape and Reel
Note 1: Standard product options are identified in this table. Contact factory for custom options, minimum order quantity required.
Note 2: All Active-Semi components are RoHS Compliant and with Pb-free plating unless specified differently. The term Pb-free means semiconductor
products that are in compliance with current RoHS (Restriction of Hazardous Substances) standards.
Note 3: Package Code designator “Q” represents QFN
Note 4: Pin Count designator “J” represents 40 pins
Note 5: “xxx” represents the CMI (Code Matrix Index) option The CMI identifies the IC’s default register settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com