Electronic Components Datasheet Search
  English  ▼

X  

ACT8870 Datasheet(PDF) 25 Page - Qorvo, Inc

Part # ACT8870
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT8870 Datasheet(HTML) 25 Page - Qorvo, Inc

Back Button ACT8870 Datasheet HTML 21Page - Qorvo, Inc ACT8870 Datasheet HTML 22Page - Qorvo, Inc ACT8870 Datasheet HTML 23Page - Qorvo, Inc ACT8870 Datasheet HTML 24Page - Qorvo, Inc ACT8870 Datasheet HTML 25Page - Qorvo, Inc ACT8870 Datasheet HTML 26Page - Qorvo, Inc ACT8870 Datasheet HTML 27Page - Qorvo, Inc ACT8870 Datasheet HTML 28Page - Qorvo, Inc ACT8870 Datasheet HTML 29Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
ACT8870
Advanced PMU for Microcontrollers
and Solid State Drive Applications
Data Sheet Rev. 7.0, Feb. 18, 2020 | Subject to change without notice
25 of 49
www.qorvo.com
®
Output Under/Over Voltage
The ACT8870 monitors the output voltages for under
voltage and over voltage conditions. If one output enters
an UV/OV fault condition, the IC shuts down all outputs
for 100ms and restarts with the programmed power up
sequence. If an output is in current limit, it is possible
that its voltage can drop below the UV threshold which
also shuts down all outputs. If that behavior is not
desired, mask the appropriate fault bit. Each output
still provides its real-time UV/OV fault status via its fault
flag, even if the fault is masked. Masking an OV/UV fault
just prevents the fault from being reported via the IRQ
pin. A UV/OV fault condition pulls the nRESETx pins
low. Note that nRESETx pins are configurable via
CMI settings.
Output Current Limit
The ACT8870 incorporates a three level overcurrent
protection scheme for the buck converters and a single
level scheme for the LDOs. For the buck converters, the
overcurrent current threshold refers to the peak switch
current.
The first protection level is when a buck
converter’s peak switch current reaches 80% of the
Cycle-by-Cycle current limit threshold for greater than
16 switching cycles. Under this condition, the IC reports
the fault via the appropriate fault flag bit. If the fault is
unmasked, it asserts the IRQ pin. This may or may not
turn off that output or other outputs depending on the
specific CMI. The next level is when the current
increases to the Cycle-by-Cycle threshold. The buck
converter limits the peak switch current in each
switching cycle. This reduces the effective duty cycle
and causes the output voltage to drop, potentially
creating
an
undervoltage
condition.
When
the
overcurrent condition results in an UV condition, and UV
is not masked, the IC turns off all supplies off for 100ms
and restarts. The third level is when the peak switch
current reaches 120% of the Cycle-by-Cycle current
limit threshold.
This immediately shuts down the
regulator and waits 14ms before restarting.
For LDOs, the overcurrent thresholds are set by each
LDO’s Output Current Limit setting. When the output
current reaches the Current Limit threshold, the LDO
limits the output current.
This reduces the output
voltage, creating an undervoltage condition, causing all
supplies to turn off for 100ms before restarting.
The overcurrent fault limits for each output are
adjustable via I2C. Overcurrent fault reporting can be
masked via I2C, but the overcurrent limits are always
active and will shut down the IC when exceeded.
Thermal Warning and Thermal Shutdown
The ACT8870 monitors its internal die temperature and
reports a warning via IRQ when the temperature rises
above the Thermal Interrupt Threshold of typically 135
deg C. It reports a fault when the temperature rises
above the Thermal Shutdown Temperature of typically
165 deg C. A temperature fault shuts down all outputs
unless the fault is masked. Both the fault and the
warning can be masked via I2C. The temperature
warning and fault flags still provide real-time status even
if the faults are masked. Masking just prevents the faults
from being reported via the IRQ pin.
Pin Descriptions
The ACT8870 input and output pins are configurable via
CMI configurations. The following descriptions are refer
to the most common pin functions. Refer to the CMI
Options section in the back of the datasheet for specific
pin functionality for each CMI.
PWREN
The PWREN pin controls the IC’s SLEEP state. When
I2C bit PWREN_MODE = 0, the PWREN pin moves the
IC between the SLEEP and ACTIVE states.
PWREN must be enabled via the PWRDN_EN I2C bit
after power up. PWREN is ignored if the PWRDN_EN
bit is low. The PWREN polarity is controlled by the
PWREN_POL I2C bit. PWREN is active low when
PWREN_POL
is
high,
and
active
high
when
PWREN_POL is low. The host processor can read the
PWREN status via I2C in the PWREN_STAT I2C bit.
PWREN is referenced to the VIO_IN pin, and is 5.5V
tolerant meaning that PWREN can go to 5.5V even if
VIO_IN is less than 5.5V. PWREN has a 10us
bidirectional filter to prevent noise from triggering
unwanted operation.
EXT_PG
The EXT_PG pin is a dual purpose input. It functions as
either a power good input from an external supply or a
dynamic scaling control input. Configure EXT_PG as a
power good input by setting I2C bit DVS_EN = 0. When
configured as a power good input, EXT_PG can be
used as an input to the nRESETx pins. EXT_PG polarity
is controlled by the EXT_PG_POL bit. EXT_PG is active
high when EXT_PG_POL = 0 and active low when
EXT_PG_POL = 1.
Configure EXT_PG as a dynamic voltage scaling (DVS)
control input by setting I2C bit DVS_EN = 1. When
EXT_PG is de-asserted, all buck regulators regulate to
their VSET0 voltage. When EXT_PG is asserted, the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com