Electronic Components Datasheet Search
  English  ▼

X  

ACT8870 Datasheet(PDF) 46 Page - Qorvo, Inc

Part # ACT8870
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT8870 Datasheet(HTML) 46 Page - Qorvo, Inc

Back Button ACT8870 Datasheet HTML 41Page - Qorvo, Inc ACT8870 Datasheet HTML 42Page - Qorvo, Inc ACT8870 Datasheet HTML 43Page - Qorvo, Inc ACT8870 Datasheet HTML 44Page - Qorvo, Inc ACT8870 Datasheet HTML 45Page - Qorvo, Inc ACT8870 Datasheet HTML 46Page - Qorvo, Inc ACT8870 Datasheet HTML 47Page - Qorvo, Inc ACT8870 Datasheet HTML 48Page - Qorvo, Inc ACT8870 Datasheet HTML 49Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 46 / 49 page
background image
ACT8870
Advanced PMU for Microcontrollers
and Solid State Drive Applications
Data Sheet Rev. 7.0, Feb. 18, 2020 | Subject to change without notice
46 of 49
www.qorvo.com
®
Startup
SLEEP Mode
CMI 110 does not use SLEEP Mode.
DVS Mode
CMI 110 can DVS Buck4. EXT_PG is the DVS control input. When EXT_PG = L, Buck4 = 1.8V. When EXT_PG = H,
Buck4 = 1.2V
POK Thresholds
POK_UV = 2.8V
POK_OV = 3.6V
PG
The PG pin is not functional with CMI 110. Leave the PG pin floating.
POK
The POK pin is not functional with CMI 110. Leave the POK pin floating.
EXT_EN
The EXT_EN pin is not functional with CMI 110. Leave the EXT_EN pin floating.
nRESET
nRESET is triggered from LDO1. It goes high 1ms after LDO1 goes into regulation. After power up, set register 0x00h
to a value of 0x20h to prevent nRESET from asserting low during normal operation. This is required because different
outputs are turned on and off in normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com