Electronic Components Datasheet Search
  English  ▼

X  

ACT8870 Datasheet(PDF) 24 Page - Qorvo, Inc

Part # ACT8870
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT8870 Datasheet(HTML) 24 Page - Qorvo, Inc

Back Button ACT8870 Datasheet HTML 20Page - Qorvo, Inc ACT8870 Datasheet HTML 21Page - Qorvo, Inc ACT8870 Datasheet HTML 22Page - Qorvo, Inc ACT8870 Datasheet HTML 23Page - Qorvo, Inc ACT8870 Datasheet HTML 24Page - Qorvo, Inc ACT8870 Datasheet HTML 25Page - Qorvo, Inc ACT8870 Datasheet HTML 26Page - Qorvo, Inc ACT8870 Datasheet HTML 27Page - Qorvo, Inc ACT8870 Datasheet HTML 28Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
ACT8870
Advanced PMU for Microcontrollers
and Solid State Drive Applications
Data Sheet Rev. 7.0, Feb. 18, 2020 | Subject to change without notice
24 of 49
www.qorvo.com
®
as well as others are detailed at the end of the datasheet.
Contact sales@active-semi.com for custom sequencing
configurations. Refer to the Active-Semi Application
Note describing the Register Map for full details on I2C
functionality and programming ranges.
Input Trigger. The input trigger for a regulator is the
event that turns that regulator on. Each output can have
a separate input trigger. The input trigger can be the
internal power ok (POK) signal from one of the other
regulators, the internal VIN POK signal, or an external
signal applied to an input pin such as EXT_PG or GPIO.
This flexibility allows a wide range of sequencing
possibilities, including have some of the outputs be
sequenced with another external power supply or a
control signal from the host. As an example, if the LDO1
input trigger is Buck1, LDO1 will not turn on until Buck1
is in regulation. Input triggers are defined at the factory
and can only be changed with a custom CMI
configuration. The nRESETx, POK, PG, and EXT_EN
outputs can be connected to a power supply’s internal
POK signal and used to trigger external supplies in the
overall sequencing scheme.
Turn-on Delay. The turn-on delay is the time between
an input trigger going active and the output starting to
turn on. Each output’s turn-on delay is configured via its
I2C bit ONDLY. Turn-on delays can be changed after the
IC is powered on, but they are volatile and reset to the
factory defaults when power is recycled.
Softstart Time. The softstart time is the time it takes an
output to ramp from 0V to its programmed voltage. Each
output’s softstart time is configured via its I2C bit
SS_RAMP. Softstart times can be changed after the IC
is powered on, but they are volatile and reset to the
factory defaults when power is recycled.
Output Voltage. The output voltage is each regulator’s
desired
voltage.
Each
buck’s
output
voltage
is
programmed via its I2C bits Bx_VSET0 and Bx_VSET1.
The output regulates to Bx_VSET0 in ACTIVE mode.
They can be programmed to regulate to Bx_VSET1 in
DVS mode or SLEEP mode. Each output’s voltage can
be changed after the IC is powered on, but the new
setting is volatile and is reset to the factory defaults
when power is recycled. Output voltages can be
changed on the fly. If a large output voltage change is
required, it is best to make multiple smaller changes.
This prevents the IC from detecting an instantaneous
over or under voltage condition because the fault
threshold are immediately changed, but the output
takes time to respond.
Dynamic Voltage Scaling
On-the-fly dynamic voltage scaling (DVS) for the four
buck converters is available via the I2C interface. This
allows systems to save power by quickly adjusting the
microprocessor performance level when the workload
changes. Note that DVS is not a different operating
state. The IC operates in the ACTIVE state, but just
regulates the outputs to a different voltage. For fault free
operation, the user must ensure output load conditions
plus the current required to charge the output
capacitance during a DVS rising voltage condition does
not exceed the current limit setting of the regulator.
As with any power supply, changing an output voltage
too fast can require a current higher than the current
limit setting. The user must ensure that the voltage
step, slew rate, and load current conditions do not
result in an instantaneous loading that results in a
current limit condition.
Enter DVS by programming register 0x00h bit1
(DVS_EN) = 1 and then pulling the EXT_EN pin high.
Note that some CMI configurations may not require
DVS_EN = 1 and may use different input pins.
Fault Protection
The ACT8870 contains several levels of fault protection,
including the following:
Output Overvoltage
Output Undervoltage
Output Current Limit
Thermal Warning
Thermal Shutdown
There are three types of I2C register bits associated with
each fault condition: fault flag bits, fault bits, and mask
bits. The fault flag bits display the real-time fault status.
Their status is valid regardless of whether or not that
fault is masked. The mask bits either block or allow the
fault to affect the fault bit. Each potential fault condition
can be masked via I2C if desired. Any unmasked fault
condition results in the fault bit going high, which asserts
the IRQ pin. IRQ is typically active low. The IRQ pin
only de-asserts after the fault condition is no longer
present and the corresponding fault bit is read via I2C.
Note that masked faults can still be read in the fault flag
bit. Refer to Active-Semi Application Note describing the
Register Map for full details on I2C functionality and
programming ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com