Electronic Components Datasheet Search
  English  ▼

X  

ACT8870 Datasheet(PDF) 45 Page - Qorvo, Inc

Part # ACT8870
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT8870 Datasheet(HTML) 45 Page - Qorvo, Inc

Back Button ACT8870 Datasheet HTML 41Page - Qorvo, Inc ACT8870 Datasheet HTML 42Page - Qorvo, Inc ACT8870 Datasheet HTML 43Page - Qorvo, Inc ACT8870 Datasheet HTML 44Page - Qorvo, Inc ACT8870 Datasheet HTML 45Page - Qorvo, Inc ACT8870 Datasheet HTML 46Page - Qorvo, Inc ACT8870 Datasheet HTML 47Page - Qorvo, Inc ACT8870 Datasheet HTML 48Page - Qorvo, Inc ACT8870 Datasheet HTML 49Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 45 / 49 page
background image
ACT8870
Advanced PMU for Microcontrollers
and Solid State Drive Applications
Data Sheet Rev. 7.0, Feb. 18, 2020 | Subject to change without notice
45 of 49
www.qorvo.com
®
CMI 110: ACT8870QJ110-T
CMI 110 is optimized for the Starblaze STAR1000/STAR1000P M.3, U.2, and AIC form factor solid state disk (SSD)
drive controllers. It is designed to operate from a 3.3V input voltage.
STAR1000 Configuration
The following table shows how to connect the ACT8870QJ110 outputs to the STAR1000/STAR1000P.
STAR1000 / STAR1000P
Voltage (V)
STAR1000 / STAR1000P Connections
EXT_PG
n/a
EXT_PG sets Buck4 startup output voltage. Connect to
VIO_IN or AGND.
nRESET_AUX1 Input Setting
n/a
System Reset. Connects to RESETN pin.
nRESET_AUX2 Input Setting
n/a
Buck3/LDO3 Enable Control. Connects to the GPIO_2 out-
put.
PWREN
n/a
Buck1/Buck4/LDO2 Enable Control. Connects to the
GPIO_1 output.
IRQ
n/a
Interrupt to the STAR1000/STAR1000P. Connect to GPIO_5
Buck1
2.7
NFVDD
Buck2
0.9
PER/PSW2
Buck3
1.2
PSW3/PSQ2_PSW3
Buck4
1.2/1.8
VDD_IO_FLASH
LDO1
1.8
PER
LDO2
1.8
DDR_PLL_VDDR
LDO3
2.5
PSW3
Sequencing
Rail
Active
Mode
Voltage
(V)
DVS
Voltage
(V)
DVS
Trigger
(V)
Sleep
Mode
Voltage
(V)
DVS
slew rate
(mV/us)
Current
Limit
Setting (A)
Sequencing
Input
Trigger
StartUp
Delay
(us)
Soft-
Start
(us)
Buck2
0.9
0.9
N/A
N/A
3.5
3.5
VIN_UVLO
0
800
LDO1
1.8
N/A
N/A
N/A
N/A
0.8
VIN_UVLO
0
330
Buck1
2.7
2.7
N/A
N/A
3.5
4
PWREN
0
500
Buck3
1.2
1.2
N/A
N/A
3.5
2.5
nRESET_AUX1
0
500
Buck4
1.8
1.2
EXT_PG
N/A
3.5
3.5
PWREN
0
500
LDO2
1.8
N/A
N/A
N/A
N/A
0.2
PWREN
0
165
LDO3
2.5
N/A
N/A
N/A
N/A
0.2
nRESET_AUX1
0
165



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com