Electronic Components Datasheet Search
  English  ▼

X  

ACT8870 Datasheet(PDF) 43 Page - Qorvo, Inc

Part # ACT8870
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT8870 Datasheet(HTML) 43 Page - Qorvo, Inc

Back Button ACT8870 Datasheet HTML 39Page - Qorvo, Inc ACT8870 Datasheet HTML 40Page - Qorvo, Inc ACT8870 Datasheet HTML 41Page - Qorvo, Inc ACT8870 Datasheet HTML 42Page - Qorvo, Inc ACT8870 Datasheet HTML 43Page - Qorvo, Inc ACT8870 Datasheet HTML 44Page - Qorvo, Inc ACT8870 Datasheet HTML 45Page - Qorvo, Inc ACT8870 Datasheet HTML 46Page - Qorvo, Inc ACT8870 Datasheet HTML 47Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 49 page
background image
ACT8870
Advanced PMU for Microcontrollers
and Solid State Drive Applications
Data Sheet Rev. 7.0, Feb. 18, 2020 | Subject to change without notice
43 of 49
www.qorvo.com
®
Startup
Buck1
VIN
LDO2/3
Buck2
Buck3
0.7ms
Buck4
CMI 104 Startup
nRESET_AUX1
0.5ms
0.5ms
1.991ms
0.5ms
SLEEP Mode
Enter SLEEP Mode by pulling PWREN low. The IC operates in Active mode when PWREN is high. Note that in the
default configuration, nRESET_AUX1 goes low when the IC enters Sleep mode. If the user requires nRESET_AUX1 to
stay high in Sleep mode, write a 1 into register 0x00h, bit 7.
DVS Mode
CMI 104 does not include the DVS function. Note that the processor can change Buck2 and Buck3 output voltages on
the fly with EXT_PG and nRESET_AUX2. This effectively provides independent DVS control for these two outputs.
Buck2 VID Boot Voltage - EXT_PG
The EXT_PG input sets the Buck2 boot up voltage. When EXT_PG = 0, Buck2 = 1.5V. When EXT_PG = 1, Buck2 =
1.35V. EXT_PG changes Buck2 at startup and during normal operation.
Buck3 VID Boot Voltage - nRESET_AUX2
The nRESET_AUX2 input sets the Buck3 boot up voltage. When nRESET_AUX2 = 0, Buck3 = 1.2V. When
nRESET_AUX2 = 1, Buck3 = 1.8V. nRESET_AUX2 changes Buck3 at startup and during normal operation.
POK Thresholds
POK_UV = 4.25V
POK_OV = 5.7V
PG
The PG pin is not functional with CMI 104. Leave the PG pin floating.
nRESET
nRESET is not functional in CMI 104. Leave the nRESET pin floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com