Electronic Components Datasheet Search
  English  ▼

X  

ACT8870 Datasheet(PDF) 26 Page - Qorvo, Inc

Part # ACT8870
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT8870 Datasheet(HTML) 26 Page - Qorvo, Inc

Back Button ACT8870 Datasheet HTML 22Page - Qorvo, Inc ACT8870 Datasheet HTML 23Page - Qorvo, Inc ACT8870 Datasheet HTML 24Page - Qorvo, Inc ACT8870 Datasheet HTML 25Page - Qorvo, Inc ACT8870 Datasheet HTML 26Page - Qorvo, Inc ACT8870 Datasheet HTML 27Page - Qorvo, Inc ACT8870 Datasheet HTML 28Page - Qorvo, Inc ACT8870 Datasheet HTML 29Page - Qorvo, Inc ACT8870 Datasheet HTML 30Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
ACT8870
Advanced PMU for Microcontrollers
and Solid State Drive Applications
Data Sheet Rev. 7.0, Feb. 18, 2020 | Subject to change without notice
26 of 49
www.qorvo.com
®
buck regulators regulate to their VSET1 voltage. Note
that EXT_PG input is only valid for DVS toggling when
the IC is in the ACTIVE state of operation. I2C bit
EXT_PG_POL has no effect in DVS Mode.
EXT_PG is referenced to the VIO_IN pin, and is 5.5V
tolerant meaning that EXT_PG can go to 5.5V even if
VIO_IN is less than 5.5V. The EXT_PG input has a 10us
bidirectional filter to prevent noise from triggering
unwanted operation.
VIO_IN
VIO_IN is the input bias supply for the IC. Apply an input
voltage between 1.62V and 5.5V. Bypass to AGND with
a high quality, 1uF ceramic capacitor.
MODE
Setting MODE = 0 configures Buck1 as a standard
integrated buck regulator. Setting MODE = 1 configures
Buck1 as an integrated bypass switch. In bypass mode,
the Buck1 P-ch power FET is used to sequence the
3.3V supply to the downstream load. This provides full
sequencing flexibility for 3.3V systems by allowing the
3.3V input to be used as the input supply for the other
regulators but still be sequenced in any order for the
downstream loads. Bypass mode is only valid for a 3.3V
input voltage. The MODE pin must be tied directly to VIN
or AGND. MODE is only sampled when VIN reaches its
UVLO threshold during power. Changing MODE after
power up has no effect on functionality. I2C bit
MODE_STAT shows the status of the MODE pin when
it was read at startup.
GPIO
The GPIO pin can be configured as a digital input or an
open drain output. It has multiple uses, including a
sequencing input, sequencing output, status output, or
control input to toggle a supply’s output voltage. Set I2C
bit GPIO_OUT = 0 to configure GPIO as an input. When
using GPIO as an output, GPIO_OUT = 0 configures it
as an open drain output, and GPIO_OUT = 1 configures
it as a logic low output. When used as either an input
or an output, I2C bit GPIO_STAT always provides the
real-time status of the GPIO pin. GPIO_STAT = 0 when
GPIO pin is a logic 0. GPIO_STAT = 1 when GPIO pin
is a logic 1.
IRQ
The IRQ pin is an output that issues an interrupt to the
host CPU/Controller when an ACT8870 fault or warning
condition occurs.
IRQ is triggered by:
1.
Die
temperature
exceeding Thermal
Interrupt
Threshold of 135C.
2.
Any buck regulator reaching peak current limit,
ILIMSET, for 16 cycles after softstart.
3.
Any
LDO
regulator
reaching
current
limit,
LDOx_ILIM, for more than 16us after softstart.
4.
BUCK1 PMOS switch exceeding Current Detection
threshold 75% of ILIMSET when system is
configured in bypass mode.
IRQ is masked by the I2C register 0x00h bit2
(IRQ_nMASK) by default to mask all IRQ conditions. To
enable IRQ functionality, set IRQ_nMASK = 1. IRQ is an
active-low open drain 5.5V compatible output.
POK
POK indicates that the voltage on the VIN pin is inside
the POK UV and OV Interrupt Thresholds. If the VIN
voltage is above or below these values, POK pulls low
to interrupt the host CPU/Controller. POK is masked by
the I2C bit POK_nMASK by default. To enable POK
functionality, set I2C bit POK_nMASK = 1. I2C bits
POK_OV and POK_UV provide real-time UV and OV
status, even when POK is masked. The POK UV and
OV threshold are configurable via the I2C bits
POK_UV_SET and POK_OV_SET.
POK is an open drain output and is 5.5V tolerant
meaning that POK can be pulled up to 5.5V even if
VIO_IN is less than 5.5V.
nRESET_AUX1 and nRESET_AUX2
nRESET_AUX1 and nRESET_AUX2 pins can be used
to signal that the IC is in the SLEEP state or that the
input voltage is above or below the UV or OV threshold.
They can also be tied to one or a combination of the
power supply’s internal POK signal. These outputs are
immediately asserted low, but follow a programmed
delay when de-asserted. The nRESET_AUX1 delay
time is controlled by the I2C bits RST_AUX1_DLY[2:0],
which programs the delay between 400us and 2mS in
227us steps. The nRESET_AUX2 delay time is
controlled by the I2C bits RST_AUX2_DLY[2:0], which
programs the delay between 200us and 1ms in 114us
steps. These pins are open drain output and 5.5V
tolerant meaning that they can be pulled up to 5.5V
even if VIO_IN is less than 5.5V.
nRESET
nRESET issues the main reset to the CPU/controller.
nRESET is immediately asserted low when either the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com