Electronic Components Datasheet Search
  English  ▼

X  

ACT8870 Datasheet(PDF) 10 Page - Qorvo, Inc

Part # ACT8870
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT8870 Datasheet(HTML) 10 Page - Qorvo, Inc

Back Button ACT8870 Datasheet HTML 6Page - Qorvo, Inc ACT8870 Datasheet HTML 7Page - Qorvo, Inc ACT8870 Datasheet HTML 8Page - Qorvo, Inc ACT8870 Datasheet HTML 9Page - Qorvo, Inc ACT8870 Datasheet HTML 10Page - Qorvo, Inc ACT8870 Datasheet HTML 11Page - Qorvo, Inc ACT8870 Datasheet HTML 12Page - Qorvo, Inc ACT8870 Datasheet HTML 13Page - Qorvo, Inc ACT8870 Datasheet HTML 14Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
ACT8870
Advanced PMU for Microcontrollers
and Solid State Drive Applications
Data Sheet Rev. 7.0, Feb. 18, 2020 | Subject to change without notice
10 of 49
www.qorvo.com
®
SYSTEM CONTROL ELECTRICAL CHARACTERISTICS
(VVIO_IN = 1.8V, TA = 25°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Inputs Voltage Range: VIN_B1
referenced to PGND_B1
VIN_B2 referenced to PGND_B2
VIN_B3 referenced to PGND_B3
VIN_B4 referenced to PGND_B4
2.8
5.5
V
VIN_LDO1 referenced to GND
2.4
5.5
V
VIN_LDO23 referenced to GND
2.8
5.5
V
UVLO Threshold Falling (Note 1)
VIN_LVL=0
2.6
2.7
2.8
V
VIN_LVL=1 UV_LVL=0
2.6
2.7
2.8
V
VIN_LVL=1 UV_LVL=1
3.7
3.8
3.9
V
UVLO Hysteresis (Note 1)
VIN_LVL=0
50
100
150
mV
VIN_LVL=1 UV_LVL=0
50
100
150
mV
VIN_LVL=1 UV_LVL=1
200
300
400
mV
OV Threshold Rising (Note 1)
VIN_LVL = 0
3.6
3.7
3.8
V
VIN_LVL = 1
5.55
5.75
5.95
V
OV Hysteresis (Note 1)
VIN_LVL = 0
50
100
150
mV
VIN_LVL = 1
100
150
200
mV
Operating Supply Current
All Regulators Disabled
60
µA
All Regulators Enabled but no load
300
µA
Thermal Shutdown Temperature
TSD_SHUTDWN
Temperature rising
150
165
180
°C
Thermal Shutdown Hysteresis
20
°C
Startup Delay after initial VIN
start of first regulator output assuming
start delay=100µsec minimum (Note 2)
435
485
µs
SLEEP Mode exit delay after de-asserting
PWREN pin
Configuration dependent (Note 2)
30
38
50
µs
Thermal Interrupt Threshold TSD_ALERT
Temperature rising. Typically 30 degrees
lower than TSD_SHUTDWN
135
°C
Thermal Interrupt Hysteresis
15
°C
POK UV Interrupt Threshold Falling
(VIN_LVL=0) (Note 3) (Note 4)
POK_UV_SET=00 (88% of 3.3V)
POK_UV_SET=01 (86% of 3.3V)
POK_UV_SET=10 (84% of 3.3V)
POK_UV_SET=11 (Disable)
2.80
2.74
2.67
N/A
2.90
2.84
2.77
N/A
3.00
2.94
2.87
N/A
V
POK UV Interrupt Threshold Falling
(VIN_LVL=1) (Note 3) (Note 4)
POK_UV_SET=00 (88% of 3.3V)
POK_UV_SET=01 (85% of 3.3V)
2.80
2.70
2.90
2.80
3.00
2.90
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com