Electronic Components Datasheet Search
  English  ▼

X  

ACT8870 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # ACT8870
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT8870 Datasheet(HTML) 1 Page - Qorvo, Inc

  ACT8870 Datasheet HTML 1Page - Qorvo, Inc ACT8870 Datasheet HTML 2Page - Qorvo, Inc ACT8870 Datasheet HTML 3Page - Qorvo, Inc ACT8870 Datasheet HTML 4Page - Qorvo, Inc ACT8870 Datasheet HTML 5Page - Qorvo, Inc ACT8870 Datasheet HTML 6Page - Qorvo, Inc ACT8870 Datasheet HTML 7Page - Qorvo, Inc ACT8870 Datasheet HTML 8Page - Qorvo, Inc ACT8870 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
ACT8870
Advanced PMU for Microcontrollers
and Solid State Drive Applications
Data Sheet Rev. 7.0, Feb. 18, 2020 | Subject to change without notice
1 of 49
www.qorvo.com
®
BENEFITS and FEATURES
• Wide input voltage range
• Vin = 2.8V to 5.5V
• Complete integrated power solution
• One 4A DC/DC Step-Down (Buck) Regulator
• Three 2.5A DC/DC Step-Down (Buck)
Regulators
• One 800mA LDO
• Two 200mA LDOs
• Space Savings
• Fully integrated
• High Fsw =2.25MHz or 1.125MHz
• Integrated sequencing
• Easy system level design
• Configurable sequencing
• Seamless sequencing with external supplies
• Buck 1 Bypass Mode for 3.3V system level
compliance
• Highly configurable
• uP interface for status reporting and
controllability
• Programmable Reset and Power Good GPIO’s
• Flexible Sequencing Options
• I2C Interface – 1MHz
APPLICATIONS
• Microcontroller Applications
• Solid-State Drives
• FPGA
• Video Processor
GENERAL DESCRIPTION
The ACT8870 PMIC is an integrated ActivePMU power
management unit. It is designed to power a wide range
of processors, including Atmel’s SAMA5D2, FPGA’s,
peripherals, microcontrollers, and solid-state drive
applications. It is highly flexible and can be reconfigured
via I2C for multiple applications without the need for
PCB changes. The low external component count and
high configurability significantly speeds time to market.
Examples of configurable options include output voltage,
startup time, slew rate, system level sequencing,
switching frequency, sleep modes, operating modes etc.
ACT8870 is programmed at the factory with default
configuration. These settings can be optimized for a
specific design through the I2C interface. The ACT8870
comes in several default configuration. Contact the
factory for specific default configurations.
The core of the device includes four DC/DC step down
converters
using
integrated
power
FETs,
three
low-dropout regulators (LDOs), and an optional load
switch. Each DC/DC regulator switches at 2.25MHz,
requiring only three small components for operation.
The LDOs only require small ceramic capacitors. All are
highly configurable via the I2C interface.
The ACT8870 PMIC is available in a 5 x 5 mm 40 pin
QFN package or a 3.2 x 4.2 mm 0.5mm 48 ball wafer
chip-scale package.


Similar Part No. - ACT8870

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8870 ACTIVE-SEMI-ACT8870 Datasheet
3Mb / 38P
Advanced PMU for Microcontrollers and Solid State Drive Applications
REV 0 23-DEC-2016
ACT8870QJ-T ACTIVE-SEMI-ACT8870QJ-T Datasheet
3Mb / 43P
Advanced PMU for Microcontrollers and Solid State Drive Applications
Rev 3.0, 02-Oct-2017
ACT8870QJ101-T ACTIVE-SEMI-ACT8870QJ101-T Datasheet
3Mb / 38P
Advanced PMU for Microcontrollers and Solid State Drive Applications
REV 0 23-DEC-2016
ACT8870QJ101-T ACTIVE-SEMI-ACT8870QJ101-T Datasheet
3Mb / 43P
Advanced PMU for Microcontrollers and Solid State Drive Applications
Rev 3.0, 02-Oct-2017
ACT8870QJ102-T ACTIVE-SEMI-ACT8870QJ102-T Datasheet
3Mb / 43P
Advanced PMU for Microcontrollers and Solid State Drive Applications
Rev 3.0, 02-Oct-2017
More results

Similar Description - ACT8870

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8895 ACTIVE-SEMI-ACT8895 Datasheet
114Kb / 2P
Advanced PMU for SiRF Prima and Atlas IV
29-Nov-10
ACT8896 ACTIVE-SEMI-ACT8896 Datasheet
88Kb / 2P
Advanced PMU for Samsung S3C6410
29-Nov-10
ACT8933 ACTIVE-SEMI-ACT8933 Datasheet
102Kb / 2P
Advanced PMU for CoreLogic LUCY
04-Nov-10
ACT8935 ACTIVE-SEMI-ACT8935_10 Datasheet
98Kb / 2P
Advanced PMU for SiRF Prima and Atlas IV
05-Nov-10
ACT8895 ACTIVE-SEMI-ACT8895_14 Datasheet
119Kb / 3P
Advanced PMU for SiRF PrimaTM and Atlas IVTM
16-Aug-13
ACT8933 ACTIVE-SEMI-ACT8933_14 Datasheet
723Kb / 44P
Advanced PMU for CoreLogic LUCY
Rev 3, 15-Nov-12
logo
Texas Instruments
TPS65835 TI1-TPS65835_16 Datasheet
2Mb / 67P
Advanced PMU
logo
Active-Semi, Inc
ACT8870 ACTIVE-SEMI-ACT8870 Datasheet
3Mb / 38P
Advanced PMU for Microcontrollers and Solid State Drive Applications
REV 0 23-DEC-2016
ACT8870QJ-T ACTIVE-SEMI-ACT8870QJ-T Datasheet
3Mb / 43P
Advanced PMU for Microcontrollers and Solid State Drive Applications
Rev 3.0, 02-Oct-2017
ACT88430QJ-T ACTIVE-SEMI-ACT88430QJ-T Datasheet
1Mb / 42P
Advanced PMU for Microcontrollers and Solid State Drive Applications
Rev 1.0, 24-Oct-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com