Electronic Components Datasheet Search
  English  ▼

X  

ACT8870 Datasheet(PDF) 42 Page - Qorvo, Inc

Part # ACT8870
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT8870 Datasheet(HTML) 42 Page - Qorvo, Inc

Back Button ACT8870 Datasheet HTML 38Page - Qorvo, Inc ACT8870 Datasheet HTML 39Page - Qorvo, Inc ACT8870 Datasheet HTML 40Page - Qorvo, Inc ACT8870 Datasheet HTML 41Page - Qorvo, Inc ACT8870 Datasheet HTML 42Page - Qorvo, Inc ACT8870 Datasheet HTML 43Page - Qorvo, Inc ACT8870 Datasheet HTML 44Page - Qorvo, Inc ACT8870 Datasheet HTML 45Page - Qorvo, Inc ACT8870 Datasheet HTML 46Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 49 page
background image
ACT8870
Advanced PMU for Microcontrollers
and Solid State Drive Applications
Data Sheet Rev. 7.0, Feb. 18, 2020 | Subject to change without notice
42 of 49
www.qorvo.com
®
CMI 104: ACT8870QJ104-T
CMI 104 is optimized for Silicon Motion SM2246 solid state disk drive controllers. It incorporates boot voltage options
for Buck2 and Buck3 that allow it to be used with 1.5V or 1.35V DRAM VDDQ and with 1.2V or 1.8V NAND flash I/O.
SM2246 Configuration
The following table shows how to connect the ACT8870 outputs to the SM2246. The EXT_PG and nRESET_AUX2 input
settings define Buck2 and Buck3 default startup voltages.
SM2246 Voltage (V)
SM2246 Connections
EXT_PG Input Setting
n/a
n/a. EXT_PG sets Buck2 boot voltage
nRESET_AUX2 Input Setting
n/a
n/a. nRESET_AUX2 sets Buck3 boot voltage
Buck1
3.3
VCCF for Flash Die Power
Buck2
1.5/1.35
DRAM – DDR3
Buck3
1.2/1.8
VCCFQ for Flash I/O
Buck4
1.2
VCCK/A1V1
LDO1
3.3
A3V3 Analog Power
LDO2
1.8
VCCIO Power
LDO3
1.8
VCCIO Power
Sequencing
Rail
Active
Mode
Voltage (V)
Sleep
Mode
Voltage (V)
DVS
Voltage (V)
DVS
slew rate
(mV/us)
Current
Limit
Setting(A)
Sequencing
Input
Trigger
StartUp
Delay
(us)
Soft-
Start (us)
LDO1
3.3
3.3
N/A
N/A
0.5
VIN_UVLO
28
660
LDO2
1.8
1.8
N/A
N/A
0.2
VIN_UVLO
28
165
LDO3
1.8
1.8
N/A
N/A
0.2
VIN_UVLO
28
165
Buck4
1.2
1
N/A
N/A
3.5
LDO1
700
500
Buck1
3.3
OFF
N/A
N/A
5.3
Buck4
500
500
Buck3
1.2/1.8
OFF
N/A
N/A
3
Buck1
500
500
Buck2
1.5/1.35
OFF
N/A
N/A
3
Buck3
500
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com