Electronic Components Datasheet Search
  English  ▼

X  

ACT8870 Datasheet(PDF) 27 Page - Qorvo, Inc

Part # ACT8870
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT8870 Datasheet(HTML) 27 Page - Qorvo, Inc

Back Button ACT8870 Datasheet HTML 23Page - Qorvo, Inc ACT8870 Datasheet HTML 24Page - Qorvo, Inc ACT8870 Datasheet HTML 25Page - Qorvo, Inc ACT8870 Datasheet HTML 26Page - Qorvo, Inc ACT8870 Datasheet HTML 27Page - Qorvo, Inc ACT8870 Datasheet HTML 28Page - Qorvo, Inc ACT8870 Datasheet HTML 29Page - Qorvo, Inc ACT8870 Datasheet HTML 30Page - Qorvo, Inc ACT8870 Datasheet HTML 31Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
ACT8870
Advanced PMU for Microcontrollers
and Solid State Drive Applications
Data Sheet Rev. 7.0, Feb. 18, 2020 | Subject to change without notice
27 of 49
www.qorvo.com
®
VIN voltage is above or below the UV or OV thresholds
or any valid output supply voltage is below its Power
Good threshold. After startup, nRESET de-asserts after
a programmable delay time when VIN and all outputs
are above their respective UVLO thresholds. The
nRESET delay time is controlled by the I2C bits
nRST_DLY[2:0], which programs the delay between
200us and 1ms in 114us steps. nRESET is configurable,
so refer to the CMI Options section in the back of the
datasheet for its specific functionality for each CMI.
nRESET is an open drain output and is 5.5V tolerant
meaning that nRESET can be pulled up to 5.5V even if
VIO_IN is less than 5.5V.
EXT_EN
EXT_EN is used to control an external regulator or to
provide a control signal to other system components.
Depending on the MODE pin status, EXT_EN is either
an exact output of the ACT8870’s internal BUCK1
enable signal or an exact output of the bypass switch
enable signal. The I2C bit EXT_EN_POL controls the
EXT_EN polarity. EXT_EN is active high when
EXT_EN_POL is low and EXT_EN is active low when
EXT_EN_POL is high. EXT_EN is a push-pull CMOS
output using VIO_IN supply. Note that the EXT_EN
output is enabled and valid in all modes of operation.
EXT_EN is configurable, so refer to the CMI Options
section in the back of the datasheet for its specific
functionality for each CMI.
PG signals the status of a regulator’s Power Good / UV
comparator. When the regulator is below the Power
Good threshold, the PG pin is pulled low. When above
the threshold, the PG pin is open drain. The PG
functionality is enabled by default, but can be disabled
by I2C.
Disable PG for each regulator using the
regulator’s UV_FLTMSK bit.
PG is configurable, so
refer to the back of the datasheet for its specific
functionality for each CMI. PG is an open drain output
and is 5V tolerant meaning that PG can be pulled up to
5.5V even if VIO_IN is less than 5.5V.
STEP-DOWN DC/DC CONVERTERS
General Description
The ACT8870 contains four fully integrated step-down
converters. Buck1 is a 4A output, while Buck2, Buck3,
and Buck4 are 2.5A outputs. All buck converters are
fixed frequency, current-mode controlled, synchronous
PWM converters that achieve peak efficiencies of up to
96.5%. The buck converters switch at 2.25MHz and are
internally compensated, requiring only three small
external components (Cin, Cout, and L) for operation.
They ship with default output voltages that can be
modified via the I2C interface for systems that require
advanced power management functions.
Each buck converter has a dedicated input pin and
power ground pin. Each buck converter should have a
dedicated input capacitor that is optimally placed to
minimize the power routing loops for each buck
converter. Note that even though each buck converter
has separate inputs, all buck converter inputs must be
connected to the same voltage potential.
Buck 1 is configurable as a bypass switch for systems
with a 3.3V bus voltage. The bypass switch provides full
sequencing capability by allowing the 3.3V bus to be
used as the input to the other supplies and still be
properly sequenced to the downstream load.
Tie MODE to AGND to configure Buck1 for a switching
power supply. Tie MODE to VIN to configure Buck1 as
a bypass switch. MODE is only sampled when VIN
reaches its UVLO threshold. Changing the MODE pin
after startup has no effect. When Buck1 is configured as
a power supply, EXT_EN is a direct output of the
ACT8870 Buck1 enable signal. When Buck1 is
configured as a bypass switch, EXT_EN is a direct
output of the bypass switch enable signal.
The ACT8870 buck regulators are highly configurable
and can be quickly and easily reconfigured via I2C. This
allows
them
to
support
changes
in
hardware
requirements without the need for PCB changes.
Examples of I2C functionality are given below:
Real-time power good, OV, and current limit status
Ability to mask individual faults
Dynamically change output voltage
On/Off control
Softstart ramp
Slew rate control
Switching delay and phase control
Low power mode
Overcurrent thresholds
Refer to the Active-Semi Application Note describing the
Register Map for full details on I2C functionality and
programming ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com