Electronic Components Datasheet Search
  English  ▼

X  

DSP56721 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # DSP56721
Description  SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56721 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button DSP56721 Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 21Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 22Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 23Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 24Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 25Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 26Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 27Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors, Rev.1
Freescale Semiconductor
24
Figure 18. SPI Slave Timing Diagram (CPHA = 1)
2.2.2
Serial Host Interface (SHI) I2C Protocol Timing
See Table 12 for SHI I2C protocol timing parameters and Figure 19 for the timing diagram.
Table 12. SHI I2C Protocol Timing Parameters
Standard I2C
No.
Characteristics1,2,3,4,5
Symbol/
Expression
Standard
Fast-Mode
Unit
Min
Max
Min
Max
Tolerable Spike Width on SCL or SDA
Filters Bypassed
Very Narrow Filters enabled
Narrow Filters enabled
Wide Filters enabled.
–
–
–
–
–
0
10
50
100
–
–
–
–
0
10
50
100
ns
ns
ns
ns
44
SCL clock frequency
FSCL
–
100
–
400
kHz
44
SCL clock cycle
TSCL
10
–
2.5
–
μs
45
Bus free time
TBUF
4.7
–
1.3
–
μs
46
Start condition set-up time
TSUSTA
4.7
–
0.6
–
μs
SS
(Input)
SCK (CPOL = 0)
(Input)
SCK (CPOL = 1)
(Input)
MISO
(Output)
MOSI
(Input)
HREQ
(Output)
23
24
25
26
26
26
26
25
24
31
33
29
30
37
34
32
29
28
27
33
30
36
MSB
LSB
MSB
Valid
LSB
Valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com