Electronic Components Datasheet Search
  English  ▼

X  

DSP56721 Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # DSP56721
Description  SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56721 Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button DSP56721 Datasheet HTML 46Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 47Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 48Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 49Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 50Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 51Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 52Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 53Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 54Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 53 / 54 page
background image
SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors, Rev.1
Freescale Semiconductor
53
7
Product Documentation
This Data Sheet is labeled as a particular type: Product Preview, Advance Information, or Technical Data. Definitions of these
types are available at: http://www.freescale.com. Documentation is available from a local Freescale Semiconductor, Inc.
distributor, semiconductor sales office, Literature Distribution Center, or through the Freescale DSP home page on the Internet
(the source for the latest information).
The following documents are required for a complete description of the device and are necessary to design properly with the
parts:
DSP56300 Family Manual
(document number DSP56300FM). Detailed description of the 56300-family architecture and the
24-bit core processor and instruction set.
DSP56720/DSP56721 Reference Manual
(document number DSP56720RM). Detailed description of memory, peripherals, and
interfaces.
DSP56720 Product Brief
(DSP56720PB). Brief description of the DSP56720 device.
DSP56721 Product Brief
(DSP56721PB). Brief description of the DSP56721 device.
8
Revision History
Table 25 summarizes revisions to this document.
Table 25. Revision History
Revision
Date
Description
1
December 2007
• Initial public release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com