Electronic Components Datasheet Search
  English  ▼

X  

LM10504 Datasheet(PDF) 28 Page - Texas Instruments

Part # LM10504
Description  LM10504 Triple Buck and LDO Power Management Unit
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM10504 Datasheet(HTML) 28 Page - Texas Instruments

Back Button LM10504 Datasheet HTML 24Page - Texas Instruments LM10504 Datasheet HTML 25Page - Texas Instruments LM10504 Datasheet HTML 26Page - Texas Instruments LM10504 Datasheet HTML 27Page - Texas Instruments LM10504 Datasheet HTML 28Page - Texas Instruments LM10504 Datasheet HTML 29Page - Texas Instruments LM10504 Datasheet HTML 30Page - Texas Instruments LM10504 Datasheet HTML 31Page - Texas Instruments LM10504 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
C1
10 F
L3
2.2 H
3V
1.2V
Low = 1.0V
C6
4.7 F
L1
2.2 H
BUCK1
BUCK2
BUCK3
LDO
SPI
SW_B3
FB_B3
VIN_B3
FB_B2
SW_B2
VIN_B2
SW_B1
VIN_B1
LDO
FB_B1
CS
CLK
DO
DI
VIN
Interrupt
Vcomp
L2
2.2 H
3V
Low = 1.8V
C7
4.7 F
C5
4.7 F
C8
2.2 F
Power Supply
3.3/5.0V
Vcore
1.2V/1A
Host 3
Domain
Host 1
Flash
3.0V/1.6A
Vcc
Vccq
3.0V/1A
Host 2
Domain
LM10504
Host
Controller
Vhost
3.0V/250 mA
System
Control
C2
10 F
C3
10 F
3V
C4
4.7 F
COMP
Reset
VIN_IO
C9
2.2 F
IO input
supply
DevSLP
Voltage Monitored
at Startup
Copyright © 2016, Texas Instruments Incorporated
28
LM10504
SNVS739F – DECEMBER 2011 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: LM10504
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM10504 contains three buck converters and one LDO.
8.2 Typical Application
Figure 25. Typical Application Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com