Electronic Components Datasheet Search
  English  ▼

X  

LM10504 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM10504
Description  LM10504 Triple Buck and LDO Power Management Unit
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM10504 Datasheet(HTML) 1 Page - Texas Instruments

  LM10504 Datasheet HTML 1Page - Texas Instruments LM10504 Datasheet HTML 2Page - Texas Instruments LM10504 Datasheet HTML 3Page - Texas Instruments LM10504 Datasheet HTML 4Page - Texas Instruments LM10504 Datasheet HTML 5Page - Texas Instruments LM10504 Datasheet HTML 6Page - Texas Instruments LM10504 Datasheet HTML 7Page - Texas Instruments LM10504 Datasheet HTML 8Page - Texas Instruments LM10504 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
C1
10 F
L3
2.2 H
3V
1.2V
Low = 1.0V
C6
4.7 F
L1
2.2 H
BUCK1
BUCK2
BUCK3
LDO
SPI
SW_B3
FB_B3
VIN_B3
FB_B2
SW_B2
VIN_B2
SW_B1
VIN_B1
LDO
FB_B1
CS
CLK
DO
DI
VIN
Interrupt
Vcomp
L2
2.2 H
3V
Low = 1.8V
C7
4.7 F
C5
4.7 F
C8
2.2 F
Power Supply
3.3/5.0V
Vcore
1.2V/1A
Host 3
Domain
Host 1
Flash
3.0V/1.6A
Vcc
Vccq
3.0V/1A
Host 2
Domain
LM10504
Host
Controller
Vhost
3.0V/250 mA
System
Control
C2
10 F
C3
10 F
3V
C4
4.7 F
COMP
Reset
VIN_IO
C9
2.2 F
IO input
supply
DevSLP
Voltage Monitored
at Startup
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM10504
SNVS739F – DECEMBER 2011 – REVISED OCTOBER 2016
LM10504 Triple Buck and LDO Power Management Unit
1
1 Features
1
•
Three High-Efficiency Programmable Buck
Regulators
–
Integrated FETs With Low RDSON
–
Bucks Operate With Their Phases Shifted to
Reduce the Input Current Ripple and Capacitor
Size
–
Programmable Output Voltage Through the
SPI Interface
–
Overvoltage and Undervoltage Lockout
–
Automatic Internal Soft Start With Power-On
Reset
–
Current Overload and Thermal Shutdown
Protection
–
PFM Mode for Low-Load, High-Efficiency
Operation
•
Power-Down Data Protection Enhances Data
Integrity
–
Bypass Mode Available on Bucks 1 and 2
•
Deep Sleep Mode to Save Power During Idle
Times With DevSLP Function
•
Programmable Low-Dropout LDO 1.2 V to 3.1 V,
up to 250 mA
•
SPI-Programmable Interrupt Comparator
(2 V to 4 V)
•
Alternate Buck VOUTS Selectable Through VSELECT
Logic Pins
•
Customizable Start-Up Sequencing for Varied
Controllers
•
RESET Pin
•
Programmable Buck Regulators:
–
Buck 1: 1.1 V to 3.6 V at 1.6 A
–
Buck 2: 1.1 V to 3.6 V at 1 A
–
Buck 3: 0.7 V to 1.335 V at 1 A
•
±3% Feedback Voltage Accuracy
•
Up to 95% Efficient Buck Regulators
•
2-MHz Switching Frequency for Smaller Inductor
Size
2 Applications
Solid-State Drives
3 Description
The LM10504 is an advanced PMU containing three
configurable,
high-efficiency
buck
regulators
for
supplying variable voltages. The device is ideal for
supporting ASIC and SOC designs for solid-state and
flash drives.
The LM10504 operates cooperatively with ASIC to
optimize the supply voltage for low-power conditions
and power saving modes through the SPI interface. It
also supports a 250-mA LDO and a programmable
interrupt comparator.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM10504
DSBGA (34)
2.80 mm × 2.80 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Application Schematic


Similar Part No. - LM10504

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM10504 TI1-LM10504 Datasheet
778Kb / 35P
Triple Buck LDO Power Management Unit
LM10504 TI1-LM10504 Datasheet
1Mb / 38P
LM10504 Triple Buck LDO Power Management Unit
LM10504TME TI1-LM10504TME Datasheet
778Kb / 35P
Triple Buck LDO Power Management Unit
LM10504TME/NOPB TI1-LM10504TME/NOPB Datasheet
1Mb / 38P
LM10504 Triple Buck LDO Power Management Unit
LM10504TMX TI1-LM10504TMX Datasheet
778Kb / 35P
Triple Buck LDO Power Management Unit
More results

Similar Description - LM10504

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM10504 TI1-LM10504 Datasheet
778Kb / 35P
Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506 Datasheet
780Kb / 35P
Triple Buck LDO Power Management Unit
TPS65232 TI1-TPS65232 Datasheet
1Mb / 31P
TRIPLE BUCK POWER MANAGEMENT IC
LM10524 TI1-LM10524 Datasheet
1Mb / 41P
LM10524 Triple Buck Power Management Unit
LM10506 TI1-LM10506_14 Datasheet
1Mb / 43P
Triple Buck LDO Power Management Unit
LM10502 TI1-LM10502 Datasheet
932Kb / 35P
Dual Buck LDO Power Management Unit
LM10504 TI1-LM10504_15 Datasheet
1Mb / 38P
LM10504 Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506_15 Datasheet
1Mb / 43P
Triple Buck LDO Power Management Unit
LM10507 TI1-LM10507 Datasheet
1Mb / 40P
LM10507 Triple Buck LDO Power Management Unit
LM10524 TI1-LM10524_15 Datasheet
1Mb / 44P
LM10524 Triple Buck Power Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com