Electronic Components Datasheet Search
  English  ▼

X  

LM10504 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM10504
Description  LM10504 Triple Buck and LDO Power Management Unit
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM10504 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM10504 Datasheet HTML 9Page - Texas Instruments LM10504 Datasheet HTML 10Page - Texas Instruments LM10504 Datasheet HTML 11Page - Texas Instruments LM10504 Datasheet HTML 12Page - Texas Instruments LM10504 Datasheet HTML 13Page - Texas Instruments LM10504 Datasheet HTML 14Page - Texas Instruments LM10504 Datasheet HTML 15Page - Texas Instruments LM10504 Datasheet HTML 16Page - Texas Instruments LM10504 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
1 1.00V/ 2 1.00V/
1.00 ms/
BUCK2
1
2
BUCK1
1 1.00V/ 2 1.00V/
BUCK3
1
2
BUCK2
1.00 ms/
1 1.00V/ 2 1.00V/
LDO
5.00 ms/
VIN
1
2
1 1.00V/ 2 1.00V/
LDO
1.00 ms/
BUCK1
1
2
3.0
3.5
4.0
4.5
5.0
0.985
0.990
0.995
1.000
1.005
1.010
1.015
VIN(V)
3.0
3.5
4.0
4.5
5.0
1.185
1.190
1.195
1.200
1.205
1.210
1.215
VIN(V)
13
LM10504
www.ti.com
SNVS739F – DECEMBER 2011 – REVISED OCTOBER 2016
Product Folder Links: LM10504
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
VOUT= 1 V
IOUT= 1 A
Figure 13. Buck 3 VOUT vs VIN
VOUT= 1.2 V
IOUT = 1 A
Figure 14. Buck 3 VOUT vs VIN
Figure 15. LDO Start-Up Time from VIN Rise
Figure 16. From LDO Start-Up to Buck 1 Start-Up
Figure 17. From Buck 1 Start-Up to Buck 2 Start-Up
Figure 18. From Buck 2 Start-Up to Buck 3 Start-Up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com