Electronic Components Datasheet Search
  English  ▼

X  

LM10504 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM10504
Description  LM10504 Triple Buck and LDO Power Management Unit
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM10504 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM10504 Datasheet HTML 2Page - Texas Instruments LM10504 Datasheet HTML 3Page - Texas Instruments LM10504 Datasheet HTML 4Page - Texas Instruments LM10504 Datasheet HTML 5Page - Texas Instruments LM10504 Datasheet HTML 6Page - Texas Instruments LM10504 Datasheet HTML 7Page - Texas Instruments LM10504 Datasheet HTML 8Page - Texas Instruments LM10504 Datasheet HTML 9Page - Texas Instruments LM10504 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
6
LM10504
SNVS739F – DECEMBER 2011 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: LM10504
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
(1)
All limits are ensured by design, test, or statistical analysis. All electrical characteristics having room-temperature limits are tested during
production with TJ = 25°C. All hot and cold limits are ensured by correlating the electrical characteristics to process and temperature
variations and applying statistical process control.
(2)
Capacitors: Low-ESR surface-mount ceramic capacitors (MLCCs) are used in setting electrical characteristics.
(3)
Specification ensured by design. Not tested during production.
6.5 Electrical Characteristics – General
TJ = 25°C and VIN = 5 V where VIN = VIN_B1 = VIN_B2 = VIN_B3 (unless otherwise noted)
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IQ(DEVSLP)
Quiescent supply current
DevSLP = HIGH,
no load
TJ = 25°C
100
µA
–30°C
≤ TJ ≤ 85°C
200
UNDERVOLTAGE OR OVERVOLTAGE LOCKOUT
VUVLO_RISING
Undervoltage lockout, rising
TJ = 25°C
2.9
V
–30°C
≤ TJ ≤ 85°C
2.75
3.05
VUVLO_FALLING
Undervoltage lockout, falling
TJ = 25°C
2.6
V
–30°C
≤ TJ ≤ 85°C
2.45
2.75
VOVLO_RISING
Overvoltage lockout, rising
5.64
V
VOVLO_FALLING
Overvoltage lockout, falling
5.54
V
DIGITAL INTERFACE
VIL
Logic input low
SPI_CS, SPI_DI, SPI_CLK, RESET,
DevSLP, –30°C
≤ TJ ≤ 85°C
0.7 × VIN_IO
0.3 × VIN_IO
V
VIH
Logic input high
SPI_CS, SPI_DI, SPI_CLK, RESET,
DevSLP, –30°C
≤ TJ ≤ 85°C
VIL
Logic input low
Vselect_B2, Vselect_B3,
–30°C
≤ TJ ≤ 85°C
0.7 × VIN
0.3 × VIN
V
VIH
Logic input high
Vselect_B2, Vselect_B3,
–30°C
≤ TJ ≤ 85°C
VOL
Logic output low
SPI_DO, –30°C
≤ TJ ≤ 85°C
0.8 × VIN_IO
0.2 × VIN_IO
V
VOH
Logic output high
SPI_DO, –30°C
≤ TJ ≤ 85°C
IIL
Input current, pin driven low
SPI_CS, SPI_DI, SPI_CLK,
Vselect_B2, DevSLP
–2
µA
Vselect_B3, RESET
–5
IIH
Input current, pin driven high
SPI_CS, SPI_DI, SPI_CLK,
Vselect_B3, RESET
2
µA
Vselect_B2, DevSLP
5
fSPI_MAX
SPI max frequency
–30°C
≤ TJ ≤ 85°C
10
MHz
tRESET
Minimum pulse width(3)
–30°C
≤ TJ ≤ 85°C
2
µs
tDEVSLP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com