Electronic Components Datasheet Search
  English  ▼

X  

LM10504 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM10504
Description  LM10504 Triple Buck and LDO Power Management Unit
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM10504 Datasheet(HTML) 4 Page - Texas Instruments

  LM10504 Datasheet HTML 1Page - Texas Instruments LM10504 Datasheet HTML 2Page - Texas Instruments LM10504 Datasheet HTML 3Page - Texas Instruments LM10504 Datasheet HTML 4Page - Texas Instruments LM10504 Datasheet HTML 5Page - Texas Instruments LM10504 Datasheet HTML 6Page - Texas Instruments LM10504 Datasheet HTML 7Page - Texas Instruments LM10504 Datasheet HTML 8Page - Texas Instruments LM10504 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
4
LM10504
SNVS739F – DECEMBER 2011 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: LM10504
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NO.
NAME
B3
GND
G
Connect to system ground.
C1
SPI_CLK
I
SPI interface: Serial clock input.
C7
VCOMP
I
Analog input for comparator.
D1
SPI_DI
I
SPI interface: Serial data input.
D7
GND
G
Connect to system ground; decouple closely to A3.
E1
SPI_DO
O
SPI interface: Serial data output.
E7
DevSLP
I
Digital input control signal for entering device sleep mode. This is an active high pin with an
internal pulldown resistor. Lowers core ASIC voltage and turns off the FLASH and I/O bucks.
F1
SPI_CS
I
SPI interface: Chip select.
F2, G2
SW_B2
P
Buck switcher regulator 2: Power switching node, connect to inductor.
F3
FB_B2
I
Buck switcher regulator 2: Voltage output feedback.
F4
Vselect_B3
I
Digital input start-up control signal to change predefined output voltage of buck 3, internally
pulled up as a default.
F5
FB_B3
I
Buck switcher regulator 3: Voltage output feedback.
F6, G6
SW_B3
P
Buck switcher regulator 3: Power switching node, connect to inductor.
F7
RESET
I
Digital input control signal to abort SPI transactions; resets the PMIC to default voltages. This is
an active low pin with an internal pullup.
G1
GND_B2
P
Buck switcher regulator 2: Power ground for buck regulator.
G3
VIN_B2
P
Buck switcher regulator 2: Power supply voltage input for power stage PFET, if buck 2 is not
used, tie to ground to reduce leakage.
G4
Vselect_B2
I
Digital input start-up control signal to change predefined output voltage of buck 2, internally
pulled down as a default.
G5
VIN_B3
P
Buck switcher regulator 3: Power supply voltage input for power stage PFET.
G7
GND_B3
P
Buck switcher regulator 3: Power ground for buck regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com