Electronic Components Datasheet Search
  English  ▼

X  

LM10504 Datasheet(PDF) 33 Page - Texas Instruments

Part # LM10504
Description  LM10504 Triple Buck and LDO Power Management Unit
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM10504 Datasheet(HTML) 33 Page - Texas Instruments

Back Button LM10504 Datasheet HTML 29Page - Texas Instruments LM10504 Datasheet HTML 30Page - Texas Instruments LM10504 Datasheet HTML 31Page - Texas Instruments LM10504 Datasheet HTML 32Page - Texas Instruments LM10504 Datasheet HTML 33Page - Texas Instruments LM10504 Datasheet HTML 34Page - Texas Instruments LM10504 Datasheet HTML 35Page - Texas Instruments LM10504 Datasheet HTML 36Page - Texas Instruments LM10504 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
§
·
u ¨
¸
¨
¸
©
¹
2
2
RIPPLE
RMSCIN
OUT
I
I
D
I
12
u
u
u
OUT
PPIN
OUT
CIN
IN
S
I
D
V
I
ESR
C
F
33
LM10504
www.ti.com
SNVS739F – DECEMBER 2011 – REVISED OCTOBER 2016
Product Folder Links: LM10504
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
A simplified worst-case assumption is that all of the PFET current is supplied by the input capacitor. This results
in conservative estimates of input ripple voltage and capacitor RMS current.
Input ripple voltage is estimated with Equation 9.
where
•
VPPIN is the estimated peak-to-peak input ripple voltage
•
IOUT is the output current
•
CIN is the input capacitor value
•
ESRCIN is the input capacitor ESR
(9)
This capacitor is exposed to significant RMS current, so it is important to select a capacitor with an adequate
RMS current rating. Capacitor RMS current estimated with Equation 10.
where
•
IRMSCIN is the estimated input capacitor RMS current
(10)
8.2.2.2 Recommendations For Unused Functions and Pins
If any function is not used in the end application, see Table 8 for tying off the associated pins on the circuit
boards must be used.
Table 8. Unused Pin Recommendations
FUNCTION
PIN
IF UNUSED
BUCK1
VIN_B1
Connect to GND
SW_B1
Floating
FB_B1
Connect to GND
BUCK2
VIN_B2
Connect to GND
SW_B2
Floating
FB_B2
Connect to GND
BUCK3
VIN_B3
Connect to VIN
SW_B3
Floating
FB_B3
Connect to VIN
SPI
SPI_CS
Connect to VIN_IO
SPI_DI
Connect to GND
SPI_DO
Connect to GND
SPI_CK
Connect to GND
Vselect_B2
Connect to GND or leave open
Vselect_B3
Connect to VIN or leave open
DevSLP
Connect to GND or leave open
RESET
Connect to VIN_IO
COMPARATOR
VCOMP
Connect to VIN
Interrupt
Leave open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com