Electronic Components Datasheet Search
  English  ▼

X  

LM10504 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM10504
Description  LM10504 Triple Buck and LDO Power Management Unit
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM10504 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM10504 Datasheet HTML 6Page - Texas Instruments LM10504 Datasheet HTML 7Page - Texas Instruments LM10504 Datasheet HTML 8Page - Texas Instruments LM10504 Datasheet HTML 9Page - Texas Instruments LM10504 Datasheet HTML 10Page - Texas Instruments LM10504 Datasheet HTML 11Page - Texas Instruments LM10504 Datasheet HTML 12Page - Texas Instruments LM10504 Datasheet HTML 13Page - Texas Instruments LM10504 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
10
LM10504
SNVS739F – DECEMBER 2011 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: LM10504
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
(1)
All limits are ensured by design, test, or statistical analysis. All electrical characteristics having room-temperature limits are tested during
production with TJ = 25°C. All hot and cold limits are ensured by correlating the electrical characteristics to process and temperature
variations and applying statistical process control.
(2)
Capacitors: Low-ESR surface-mount ceramic capacitors (MLCCs) are used in setting electrical characteristics.
(3)
Specification ensured by design. Not tested during production.
6.9 Electrical Characteristics – LDO
TJ = 25°C and VIN = 5 V where: VIN = VIN_B1 = VIN_B2 = VIN_B3 (unless otherwise noted)
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOUT
Output voltage accuracy
IOUT = 1 mA, –30°C ≤ TJ ≤ 85°C
–3%
3%
IOUT
Maximum output current
250
mA
ISC
Short-circuit current limit
VOUT = 0 V
0.5
A
VDO
Dropout voltage
IOUT = 250 mA
TJ = 25°C
160
mV
–30°C
≤ TJ ≤ 85°C
220
ΔVOUT
Line regulation
3.3 V
≤ VIN ≤ 5 V, IOUT = 1 mA
5
Load regulation
1 mA
≤ IOUT ≤ 250 mA, VIN = 3.3 V, 5 V
5
eN
Output noise voltage(3)
10 Hz
≤ f ≤ 100 kHz
VIN = 5 V
10
µVRMS
VIN = 3.3 V
35
PSRR
Power supply rejection ratio(3)
F = 10 kHz, COUT = 4.7 µF,
IOUT = 20 mA
VIN = 5 V
65
dB
VIN = 3.3 V
40
TSTART
Start-up time from shutdown(3)
COUT = 4.7 µF, IOUT = 250 mA
VIN = 5 V
45
µs
VIN = 3.3 V
60
TTRANSIENT Start-up transient overshoot
(3)
COUT = 4.7 µF, IOUT = 250 mA, –30°C ≤ TJ ≤ 85°C
30
mV
(1)
All limits are ensured by design, test, or statistical analysis. All electrical characteristics having room-temperature limits are tested during
production with TJ = 25°C. All hot and cold limits are ensured by correlating the electrical characteristics to process and temperature
variations and applying statistical process control.
(2)
Capacitors: Low-ESR surface-mount ceramic capacitors (MLCCs) are used in setting electrical characteristics.
6.10 Electrical Characteristics – Comparators
TJ = 25°C and VIN = 5 V (unless otherwise noted)
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IVCOMP
VCOMP pin bias current
VCOMP = 0 V
TJ = 25°C
0.1
µA
–30°C
≤ TJ ≤ 85°C
2
VCOMP = 5 V
TJ = 25°C
0.1
–30°C
≤ TJ ≤ 85°C
2
VCOMP_RISE
Comparator rising edge trigger level
2.79
V
VCOMP_FALL
Comparator falling edge trigger level
2.74
Hysteresis
TJ = 25°C
60
mV
–30°C
≤ TJ ≤ 85°C
30
80
InterruptVOH Output voltage high
–30°C
≤ TJ ≤ 85°C
0.8 × VIN_IO
V
InterruptVOL
Output voltage low
–30°C
≤ TJ ≤ 85°C
0.2 × VIN_IO
tCOMP
Transition time of interrupt output
TJ = 25°C
6
µs
–30°C
≤ TJ ≤ 85°C
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com