Electronic Components Datasheet Search
  English  ▼

X  

LM10504 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM10504
Description  LM10504 Triple Buck and LDO Power Management Unit
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM10504 Datasheet(HTML) 5 Page - Texas Instruments

  LM10504 Datasheet HTML 1Page - Texas Instruments LM10504 Datasheet HTML 2Page - Texas Instruments LM10504 Datasheet HTML 3Page - Texas Instruments LM10504 Datasheet HTML 4Page - Texas Instruments LM10504 Datasheet HTML 5Page - Texas Instruments LM10504 Datasheet HTML 6Page - Texas Instruments LM10504 Datasheet HTML 7Page - Texas Instruments LM10504 Datasheet HTML 8Page - Texas Instruments LM10504 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
5
LM10504
www.ti.com
SNVS739F – DECEMBER 2011 – REVISED OCTOBER 2016
Product Folder Links: LM10504
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
VIN, VCOMP
–0.3
6
V
VIN_IO, VIN_B1, VIN_B2, VIN_B3, SPI_CS, SPI_DI, SPI_CLK, SPI_DO, Vselect_B2,Vselect_B3,
RESET, SW_1, SW_2, SW_3, FB_1, FB_2, FB_3, LDO, Interrupt, DevSLP
–0.3
6
V
Junction temperature, TJ-MAX
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
(1)
Internal thermal shutdown protects device from permanent damage. Thermal shutdown engages at TJ = 140°C and disengages at
TJ = 120°C (typically). Thermal shutdown is ensured by design.
(2)
In applications where high power dissipation or poor thermal resistance is present, the maximum ambient temperature may have to be
derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP = 125°C), the
maximum power dissipation of the device in the application (PD-MAX), and the junction-to-ambient thermal resistance of the part or
package in the application (RθJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (RθJA × PD-MAX).
(3)
The amount of absolute maximum power dissipation allowed for the device depends on the ambient temperature and can be calculated
using the formula: P = (TJ – TA) / RθJA, where TJ is the junction temperature, TA is the ambient temperature, and RθJA is the junction-to-
ambient thermal resistance. RθJA is highly application and board-layout dependent. Internal thermal shutdown circuitry protects the
device from permanent damage (see Electrical Characteristics – General).
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1) (2) (3)
MIN
MAX
UNIT
VIN_B1, VIN_B2_VIN_B3, VIN
3
5.5
V
VIN_IO
1.72
3.63
V
All pins other than VIN_IO
0
VIN
V
PD-MAX
Maximum continuous power dissipation
0.9
W
TA
Ambient temperature
–30
85
°C
TJ
Junction temperature
–30
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
LM10504
UNIT
YFR (DSBGA)
34 PINS
RθJA
Junction-to-ambient thermal resistance
65.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
0.2
°C/W
RθJB
Junction-to-board thermal resistance
39
°C/W
ψJT
Junction-to-top characterization parameter
1.5
°C/W
ψJB
Junction-to-board characterization parameter
38.6
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
—
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com