Electronic Components Datasheet Search
  English  ▼

X  

LM10504 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM10504
Description  LM10504 Triple Buck and LDO Power Management Unit
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM10504 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM10504 Datasheet HTML 8Page - Texas Instruments LM10504 Datasheet HTML 9Page - Texas Instruments LM10504 Datasheet HTML 10Page - Texas Instruments LM10504 Datasheet HTML 11Page - Texas Instruments LM10504 Datasheet HTML 12Page - Texas Instruments LM10504 Datasheet HTML 13Page - Texas Instruments LM10504 Datasheet HTML 14Page - Texas Instruments LM10504 Datasheet HTML 15Page - Texas Instruments LM10504 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
3.0
3.5
4.0
4.5
5.0
1.775
1.780
1.785
1.790
1.795
1.800
1.805
VIN(V)
3.5
4.0
4.5
5.0
2.970
2.975
2.980
2.985
2.990
2.995
3.000
VIN(V)
0
200
400
600
800
1000 1200
0.96
0.97
0.98
0.99
1.00
1.01
1.02
IOUT(mA)
0
200
400
600
800 1000 1200
1.190
1.192
1.194
1.196
1.198
1.200
1.202
1.204
1.206
1.208
1.210
IOUT(mA)
0
200
400
600
800
1000
1.75
1.76
1.77
1.78
1.79
1.80
1.81
1.82
1.83
1.84
1.85
IOUT(mA)
0
200
400
600
800
1000 1200
2.90
2.92
2.94
2.96
2.98
3.00
3.02
3.04
3.06
3.08
3.10
IOUT(mA)
12
LM10504
SNVS739F – DECEMBER 2011 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: LM10504
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
VIN = 5 V
VOUT = 1.8 V
Figure 7. Buck 2 VOUT vs IOUT
VIN = 5 V
VOUT = 3 V
Figure 8. Buck 2 VOUT vs IOUT
VIN = 5 V
VOUT = 1 V
Figure 9. Buck 3 VOUT vs IOUT
VIN = 5 V
VOUT = 1.2 V
Figure 10. Buck 3 VOUT vs IOUT
VOUT = 1.8 V
IOUT = 1 A
Figure 11. Buck 2 VOUT vs VIN
VOUT = 3 V
IOUT= 1 A
Figure 12. Buck 2 VOUT vs VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com