Electronic Components Datasheet Search
  English  ▼

X  

LM10504 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM10504
Description  LM10504 Triple Buck and LDO Power Management Unit
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM10504 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM10504 Datasheet HTML 5Page - Texas Instruments LM10504 Datasheet HTML 6Page - Texas Instruments LM10504 Datasheet HTML 7Page - Texas Instruments LM10504 Datasheet HTML 8Page - Texas Instruments LM10504 Datasheet HTML 9Page - Texas Instruments LM10504 Datasheet HTML 10Page - Texas Instruments LM10504 Datasheet HTML 11Page - Texas Instruments LM10504 Datasheet HTML 12Page - Texas Instruments LM10504 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
9
LM10504
www.ti.com
SNVS739F – DECEMBER 2011 – REVISED OCTOBER 2016
Product Folder Links: LM10504
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
(1)
All limits are ensured by design, test, or statistical analysis. All electrical characteristics having room-temperature limits are tested during
production with TJ = 25°C. All hot and cold limits are ensured by correlating the electrical characteristics to process and temperature
variations and applying statistical process control.
(2)
Capacitors: Low-ESR surface-mount ceramic capacitors (MLCCs) are used in setting electrical characteristics.
(3)
BUCK normal operation is ensured if VIN ≥ VOUT + 1 V.
(4)
Specification ensured by design. Not tested during production.
(5)
In applications where high power dissipation or poor thermal resistance is present, the maximum ambient temperature may have to be
derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP = 125°C), the
maximum power dissipation of the device in the application (PD-MAX), and the junction-to-ambient thermal resistance of the part or
package in the application (RθJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (RθJA × PD-MAX).
6.8 Electrical Characteristics – Buck 3
TJ = 25°C and VIN = 5 V where VIN = VIN_B1 = VIN_B2 = VIN_B3 (unless otherwise noted)
(1) (2) (3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IQ
VIN DC bias current
No load, PFM mode
TJ = 25°C
15
µA
–30°C
≤ TJ ≤ 85°C
50
IOUT_MAX
Continuous maximum load current(4)(5)
Buck 3 enabled, switching in PWM,
–30°C
≤ TJ ≤ 85°C
1
A
IPEAK
Peak switching current limit
Buck 3 enabled,
switching in PWM
TJ = 25°C
1.56
A
–30°C
≤ TJ ≤ 85°C
1.35
1.8
η
Peak efficiency(4)
IOUT = 0.3 A
90%
FSW
Switching frequency
TJ = 25°C
2
MHz
–30°C
≤ TJ ≤ 85°C
1.75
2.3
CIN
Input capacitor(4)
0 mA
≤ IOUT ≤ IOUT-MAX
4.7
µF
COUT
Output filter capacitor(4)
0 mA
≤ IOUT ≤ IOUT-MAX
10
10
100
Output capacitor ESR(4)
0 mA
≤ IOUT ≤ IOUT-MAX
20
mΩ
L
Output filter inductance(4)
0 mA
≤ IOUT ≤ IOUT-MAX
2.2
µH
ΔVOUT
DC line regulation(4)
3.3 V
≤ VIN ≤ 5 V, IOUT = IOUT-MAX
0.5%
V
DC load regulation(4)
100 mA
≤ IOUT ≤ IOUT-MAX
0.3%
A
IFB
Feedback pin input bias current
VFB = 1.2 V
TJ = 25°C
0.9
µA
–30°C
≤ TJ ≤ 85°C
5
RDS-ON-HS
High-side switch on resistance
135
mΩ
VIN = 2.6 V
260
RDS-ON-LS
Low-side switch on resistance
TJ = 25°C
85
–30°C
≤ TJ ≤ 85°C
190
START-UP
TSTART
Internal soft-start (turnon time) (4)
Start up from shutdown, VOUT = 0 V, no load,
LC = recommended circuit, using software
enable, to VOUT = 95% of final value
0.1
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com