Electronic Components Datasheet Search
  English  ▼

X  

LM10504 Datasheet(PDF) 35 Page - Texas Instruments

Part # LM10504
Description  LM10504 Triple Buck and LDO Power Management Unit
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM10504 Datasheet(HTML) 35 Page - Texas Instruments

Back Button LM10504 Datasheet HTML 31Page - Texas Instruments LM10504 Datasheet HTML 32Page - Texas Instruments LM10504 Datasheet HTML 33Page - Texas Instruments LM10504 Datasheet HTML 34Page - Texas Instruments LM10504 Datasheet HTML 35Page - Texas Instruments LM10504 Datasheet HTML 36Page - Texas Instruments LM10504 Datasheet HTML 37Page - Texas Instruments LM10504 Datasheet HTML 38Page - Texas Instruments LM10504 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
35
LM10504
www.ti.com
SNVS739F – DECEMBER 2011 – REVISED OCTOBER 2016
Product Folder Links: LM10504
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
10 Layout
10.1 Layout Guidelines
PC board layout is an important part of DC-DC converter design. Poor board layout can disrupt the performance
of a DC-DC converter and surrounding circuitry by contributing to EMI, ground bounce, and resistive voltage loss
in the traces. These can send erroneous signals to the DC-DC converter resulting in poor regulation or instability.
Good layout can be implemented by following a few simple design rules.
1. Minimize area of switched current loops. In a buck regulator there are two loops where currents are switched
rapidly. The first loop starts from the CIN input capacitor, to the regulator SWx_VIN pin, to the regulator SW
pin, to the inductor then out to the output capacitor COUTand load. The second loop starts from the output
capacitor ground, to the regulator SWx_GND pins, to the inductor and then out to COUT and the load (see
Figure 31). To minimize both loop areas, the input capacitor must be placed as close as possible to the VIN
pin. Grounding for both the input and output capacitors must consist of a small localized top-side plane that
connects to PGND. The inductor must be placed as close as possible to the SW pin and output capacitor.
2. Minimize the copper area of the switch node. The SW pins must be directly connected with a trace that runs
on top-side directly to the inductor. To minimize IR losses this trace must be as short as possible and with a
sufficient width. However, a trace that is wider than 100 mils increases the copper area and cause too much
capacitive loading on the SW pin. The inductors must be placed as close as possible to the SW pins to
further minimize the copper area of the switch node.
3. Have a single point ground for all device analog grounds. The ground connections for the feedback
components must be connected together then routed to the GND pin of the device. This prevents any
switched or load currents from flowing in the analog ground plane. If not properly handled, poor grounding
can result in degraded load regulation or erratic switching behavior.
4. Minimize trace length to the FB pin. The feedback trace must be routed away from the SW pin and inductor
to avoid contaminating the feedback signal with switch noise.
5. Make input and output bus connections as wide as possible. This reduces any voltage drops on the input or
output of the converter and can improve efficiency. If voltage accuracy at the load is important make sure
feedback voltage sense is made at the load. Doing so corrects for voltage drops at the load and provide the
best output accuracy.
10.1.1 PCB Layout Thermal Dissipation For DSGBA Package
1. Position ground layer as close as possible to DSBGA package. Second PCB layer is usually good option.
LM10504 evaluation board is a good example.
2. Draw power traces as wide as possible. Bumps which carry high currents must be connected to wide traces.
This helps the silicon to cool down.
10.2 Layout Example
Outside 7×7 array, 0.4-mm DSBGA 34-bump with 24 peripheral and 6 inner vias = 30 individual signals
Figure 30. Possible PCB Layout Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com