Electronic Components Datasheet Search
  English  ▼

X  

LM10504 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM10504
Description  LM10504 Triple Buck and LDO Power Management Unit
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM10504 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM10504 Datasheet HTML 7Page - Texas Instruments LM10504 Datasheet HTML 8Page - Texas Instruments LM10504 Datasheet HTML 9Page - Texas Instruments LM10504 Datasheet HTML 10Page - Texas Instruments LM10504 Datasheet HTML 11Page - Texas Instruments LM10504 Datasheet HTML 12Page - Texas Instruments LM10504 Datasheet HTML 13Page - Texas Instruments LM10504 Datasheet HTML 14Page - Texas Instruments LM10504 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
2.80
2.84
2.88
2.92
2.96
3.00
3.04
3.08
3.12
3.16
3.20
IOUT(A)
1 1.00V/
BUCK1
VIN = 5V
1A load
200 µs/
1
1
10
100
1k
10k
20
30
40
50
60
70
80
90
100
IOUT(mA)
1 1.00V/
BUCK1
VIN = 3.3V
1A load
200 µs/
1
1
10
100
1k
10k
20
30
40
50
60
70
80
90
100
IOUT(mA)
1
10
100
1k
10k
20
30
40
50
60
70
80
90
100
IOUT(mA)
VOUT = 3.0V
VOUT = 1.8V
11
LM10504
www.ti.com
SNVS739F – DECEMBER 2011 – REVISED OCTOBER 2016
Product Folder Links: LM10504
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
6.11 Typical Characteristics
TA = 25°C (unless otherwise noted)
VIN= 5 V
VOUT = 3 V
Figure 1. Efficiency of Buck 1
VIN = 5 V
Figure 2. Efficiency of Buck 2
VIN = 5 V
VOUT = 1 V
Figure 3. Efficiency of Buck 3
VIN = 3.3 V
VOUT = 3 V
Figure 4. Start-Up of Buck 1
VIN = 5 V
VOUT = 3 V
Figure 5. Start-Up of Buck 1
VIN = 5 V
VOUT = 3 V
Figure 6. Buck 1 VOUT vs IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com