Electronic Components Datasheet Search
  English  ▼

X  

LM10504 Datasheet(PDF) 32 Page - Texas Instruments

Part # LM10504
Description  LM10504 Triple Buck and LDO Power Management Unit
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM10504 Datasheet(HTML) 32 Page - Texas Instruments

Back Button LM10504 Datasheet HTML 28Page - Texas Instruments LM10504 Datasheet HTML 29Page - Texas Instruments LM10504 Datasheet HTML 30Page - Texas Instruments LM10504 Datasheet HTML 31Page - Texas Instruments LM10504 Datasheet HTML 32Page - Texas Instruments LM10504 Datasheet HTML 33Page - Texas Instruments LM10504 Datasheet HTML 34Page - Texas Instruments LM10504 Datasheet HTML 35Page - Texas Instruments LM10504 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
u
2
D _ CIN
RMS _ CIN
ESR _ CIN
P
I
R
OUT
IN
OUT
RMS _ CIN
OUT
IN
V
(V
V
)
I
I
V
u
u
u
RIPPLE
ROUT
RIPPLE
COUT
COUT
S
OUT
I
V
I
ESR
and V
8 F
C
2
2
OUT-RIPPLE-PP
ROUT
COUT
V
V
V
32
LM10504
SNVS739F – DECEMBER 2011 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: LM10504
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Output ripple can be estimated from the vector sum of the reactive (capacitance) voltage component and the real
(ESR) voltage component of the output capacitor with Equation 5 and Equation 6.
where
(5)
•
VOUT-RIPPLE-PP is the estimated output ripple
•
VROUT is the estimated real output ripple
•
VCOUT is the estimated reactive output ripple
(6)
The device is designed to be used with ceramic capacitors on the outputs of the buck regulators. The
recommended dielectric type of these capacitors is X5R, X7R, or of comparable material to maintain proper
tolerances over voltage and temperature. The recommended value for the output capacitors is 22 μF, 6.3 V with
an ESR of 2 mΩ or less. The output capacitors need to be mounted as close as possible to the output or ground
pins of the device.
Table 7. Recommended Output Capacitors
MODEL
TYPE VENDOR
VENDOR
VOLTAGE RATING
CASE SIZE
08056D226MAT2A
Ceramic, X5R
AVX Corporation
6.3 V
0805, (2012)
C0805L226M9PACTU
Ceramic, X5R
Kemet
6.3 V
0805, (2012)
ECJ-2FB0J226M
Ceramic, X5R
Panasonic - ECG
6.3 V
0805, (2012)
JMK212BJ226MG-T
Ceramic, X5R
Taiyo Yuden
6.3 V
0603, (1608)
C2012X5R0J226M
Ceramic, X5R
TDK Corporation
6.3 V
0603, (1608)
8.2.2.1.3.2
Input Capacitor Selection
There are 3 buck regulators in the LM10504 device. Each of these buck regulators has its own input capacitor
which must be located as close as possible to their corresponding SWx_VIN and SWx_GND pins, where x
designates Buck 1, 2, or 3. The 3 buck regulators operate at 120° out of phase, which means that they switch on
at equally spaced intervals, to reduce the input power rail ripple. TI recommends connecting all the supply and
ground pins of the buck regulators, SWx_VIN to two solid internal planes located under the device. In this way,
the 3 input capacitors work together and further reduce the input current ripple. A larger tantalum capacitor can
also be located in the proximity of the device.
The input capacitor supplies the AC switching current drawn from the switching action of the internal power
FETs. The input current of a buck converter is discontinuous, so the ripple current supplied by the input capacitor
is large. The input capacitor must be rated to handle both the RMS current and the dissipated power.
The input capacitor must be rated to handle this current with Equation 7.
(7)
The power dissipated in the input capacitor is given by Equation 8.
(8)
The device is designed to be used with ceramic capacitors on the inputs of the buck regulators. The
recommended dielectric type of these capacitors is X5R, X7R, or of comparable material to maintain proper
tolerances over voltage and temperature. The minimum recommended value for the input capacitor is 10 µF with
an ESR of 10 mΩ or less. The input capacitors need to be mounted as close as possible to the power and
ground input pins of the device.
The input power source supplies the average current continuously. However, during the PFET switch on-time,
the demanded di/dt is higher than can be typically supplied by the input power source. This delta is supplied by
the input capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com