Electronic Components Datasheet Search
  English  ▼

X  

TMS470MF06607 Datasheet(PDF) 14 Page - Texas Instruments

Part # TMS470MF06607
Description  TMS470MF06607 16/32-Bit RISC Flash Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS470MF06607 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMS470MF06607 Datasheet HTML 10Page - Texas Instruments TMS470MF06607 Datasheet HTML 11Page - Texas Instruments TMS470MF06607 Datasheet HTML 12Page - Texas Instruments TMS470MF06607 Datasheet HTML 13Page - Texas Instruments TMS470MF06607 Datasheet HTML 14Page - Texas Instruments TMS470MF06607 Datasheet HTML 15Page - Texas Instruments TMS470MF06607 Datasheet HTML 16Page - Texas Instruments TMS470MF06607 Datasheet HTML 17Page - Texas Instruments TMS470MF06607 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 65 page
background image
TMS470MF06607
SPNS157C
– JANUARY 2012
www.ti.com
Table 2-8. Terminal Functions (continued)
TERMINAL
INPUT
OUTPUT
VOLTAGE(1)
IPU/IPD(4)
DESCRIPTION
100
CURRENT(3)
NAME
(2)
PIN
ADIN[0]
69
ADIN[1]
70
ADIN[2]
71
ADIN[3]
72
ADIN[4]
73
ADIN[5]
74
ADIN[6]
75
ADIN[7]
76
3.3 V
MibADC analog input pins.
ADIN[8]
77
ADIN[9]
78
ADIN[10]
79
ADIN[11]
80
ADIN[12]
81
ADIN[13]
86
ADIN[14]
87
ADIN[15]
88
ADREFHI
82
3.3-V REF
MibADC module high-voltage reference input.
ADREFLO
83
GND REF
MibADC module low-voltage reference input.
VCCAD
85
3.3-V PWR
MibADC analog supply voltage.
VSSAD
84
GND
MibADC analog ground reference.
OSCILLATOR (OSC)
OSCIN
10
1.5-V I
Crystal connection pin or external clock input.
OSCOUT
11
1.5-V O
External crystal connection pin.
SYSTEM MODULE (SYS)
PORRST
89
3.3-V I
IPD (100
µA)
Input master chip power-up reset. External VCC
monitor circuitry must assert a power-on reset.
RST
98
Bidirectional reset. The internal circuitry can assert a
reset, and an external system reset can assert a
device reset.
Adaptive
On this pin, the output buffer is implemented as an
3.3-V I/O
impedance 4
IPU (100
µA)
open drain (drives low only).
mA
To ensure an external reset is not arbitrarily
generated, TI recommends that an external pullup
resistor be connected to this pin.
ECLK
96
3.3-V I/O
Adaptive
Programmable
Bidirectional pin. ECLK can be programmed as a GIO
impedance 4
IPD (100
µA)
pin.
mA
TEST/DEBUG (T/D)
TCK
44
3.3-V I
IPD (100
µA)
Test clock. TCK controls the test hardware (JTAG).
TDI
46
Test data in pin. TDI inputs serial data to the test
instruction register, test data register, and
IPU (100
µA)
programmable test address (JTAG). Note: This pin is
muxed with the HET channel 25.
TDO
45
Adaptive
Test data out pin. TDO outputs serial data from the
3.3-V I/O
impedance 4
test instruction register, test data register,
mA
IPD (100
µA)
identification register, and programmable test address
(JTAG). Note: This pin is muxed with the HET
channel 24.
TMS
47
Serial input pin for controlling the state of the CPU
IPU (100
µA)
test access port (TAP) controller (JTAG).
TRST
48
Test hardware reset to TAP. IEEE Standard 1149-1
3.3-V I
IPD (100
µA)
(JTAG) Boundary-Scan Logic.
14
Device Overview
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS470MF06607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com