Electronic Components Datasheet Search
  English  ▼

X  

TMS470MF06607 Datasheet(PDF) 56 Page - Texas Instruments

Part # TMS470MF06607
Description  TMS470MF06607 16/32-Bit RISC Flash Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS470MF06607 Datasheet(HTML) 56 Page - Texas Instruments

Back Button TMS470MF06607 Datasheet HTML 52Page - Texas Instruments TMS470MF06607 Datasheet HTML 53Page - Texas Instruments TMS470MF06607 Datasheet HTML 54Page - Texas Instruments TMS470MF06607 Datasheet HTML 55Page - Texas Instruments TMS470MF06607 Datasheet HTML 56Page - Texas Instruments TMS470MF06607 Datasheet HTML 57Page - Texas Instruments TMS470MF06607 Datasheet HTML 58Page - Texas Instruments TMS470MF06607 Datasheet HTML 59Page - Texas Instruments TMS470MF06607 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 65 page
background image
TMS470MF06607
SPNS157C
– JANUARY 2012
www.ti.com
5.7
Multi-Buffered A-to-D Converter (MibADC)
The multi-buffered A-to-D converter (MibADC) has a separate power bus for its analog circuitry that
enhances the A-to-D performance by preventing digital switching noise on the logic circuitry which could
be present on VSS and VCC from coupling into the A-to-D analog stage. All A-to-D specifications are
given with respect to ADREFLO unless otherwise noted.
Resolution
10 bits (1024 values)
Monotonic
Assured
Output conversion code
00h to 3FFh [00 for VAI ≤ ADREFLO; 3FF for VAI ≥ ADREFHI]
Table 5-22. MibADC Recommended Operating Conditions(1)
MIN
MAX
UNIT
ADREFHI
A-to-D high -voltage reference source
3.0
VCCAD
V
ADREFLO
A-to-D low-voltage reference source
VSSAD
0.3
V
VAI
Analog input voltage
ADREFLO
ADREFHI
V
IAIC
Analog input clamp current(2)
- 2
2
mA
(VAI < VSSAD - 0.3 or VAI > VCCAD + 0.3)
(1)
For VCCAD and VSSAD recommended operating conditions, see Section 4.2.
(2)
Input currents into any ADC input channel outside the specified limits could affect conversion results of other channels.
Table 5-23. MibADC Operating Characteristics Over Full Range of Recommended Operating
Conditions(1)
PARAMETER
DESCRIPTION/CONDITIONS
MIN
NOM
MAX
UNIT
Rmux
Analog input mux on-resistance
See Figure 5-21
125
1.5K
Ω
Rsamp
ADC sample switch on-resistance
See Figure 5-21
150
1.5K
Ω
Cmux
Input mux capacitance
See Figure 5-21
16
pF
Csamp
ADC sample capacitance
See Figure 5-21
8
pF
IAIL
Analog input leakage current
Input leakage per ADC input pin
-200
200
nA
IADREFHI
ADREFHI input current
ADREFHI = 3.6 V, ADREFLO = VSSAD
5
mA
Conversion range over which
CR
ADREFHI - ADREFLO
3
3.6
V
specified accuracy is maintained
Difference between the actual step
EDNL
Differential non-linearity error
width and the ideal value (see
± 2
LSB
Figure 5-22).
Maximum deviation from the best
straight line through the MibADC.
EINL
Integral non-linearity error
MibADC transfer characteristics,
± 2
LSB
excluding the quantization error (see
Figure 5-23).
Maximum value of the difference
ETOT
Total error/Absolute accuracy
between an analog value and the
± 2
LSB
ideal midstep value (see Figure 5-24).
(1)
1 - LSB = (ADREFHI – ADREFLO)/ 2
10 for the MibADC.
56
Peripheral Information and Electrical Specifications
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS470MF06607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com