Electronic Components Datasheet Search
  English  ▼

X  

TMS470MF06607 Datasheet(PDF) 38 Page - Texas Instruments

Part # TMS470MF06607
Description  TMS470MF06607 16/32-Bit RISC Flash Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS470MF06607 Datasheet(HTML) 38 Page - Texas Instruments

Back Button TMS470MF06607 Datasheet HTML 34Page - Texas Instruments TMS470MF06607 Datasheet HTML 35Page - Texas Instruments TMS470MF06607 Datasheet HTML 36Page - Texas Instruments TMS470MF06607 Datasheet HTML 37Page - Texas Instruments TMS470MF06607 Datasheet HTML 38Page - Texas Instruments TMS470MF06607 Datasheet HTML 39Page - Texas Instruments TMS470MF06607 Datasheet HTML 40Page - Texas Instruments TMS470MF06607 Datasheet HTML 41Page - Texas Instruments TMS470MF06607 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 65 page
background image
Start Oscillator
Update Status and Prepare
for Normal Operation
Wake up
oscillator
Wake up
CPU
Wake up
VREG
8 MHz
OFF
ON
OFF
Crystal-
Oscillator
with PLL
On-Chip
VREG
e.g., CAN
Module
CPU
Startup to Normal Operation
~2 ms, depending on xtal
Ready for Normal Operation/CAN Message
TMS470MF06607
SPNS157C
– JANUARY 2012
www.ti.com
5.1.2
Sequence to Wake Up from Sleep Mode
In sleep mode, all the clocks are turned off: HCLK, GCLK, VCLK, VCLK2, and RTICLK. All the clock
sources are also disabled. For more details on sleep mode, see the TMS470M Series Technical
Reference Manual (SPNU495). Sleep mode is not supported if the internal voltage regulator is disabled.
The wake-up options are: external interrupts via GIO pins, CAN, and SCI/LIN. The sequence for waking
up from the sleep mode is described below:
1. Wake-up request is received/generated. Figure 5-4 shows the CAN module generating the wake-up
interrupt based on a message received.
2. This wake-up event causes the on-chip VREG to wake up.
3. Once the on-chip VREG wakes up, the CPU and the main oscillator start to wake up.
4. Once the main oscillator output is valid, the software runs using the main oscillator as the clock source.
The software can prepare for normal operation. Also, now the PLL can be enabled.
5. Once the PLL has acquired LOCK, the software can switch over to using the PLL output clock for
normal operation.
Figure 5-4. Wake Up From Sleep Mode
38
Peripheral Information and Electrical Specifications
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS470MF06607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com