Electronic Components Datasheet Search
  English  ▼

X  

TMS470MF06607 Datasheet(PDF) 42 Page - Texas Instruments

Part # TMS470MF06607
Description  TMS470MF06607 16/32-Bit RISC Flash Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS470MF06607 Datasheet(HTML) 42 Page - Texas Instruments

Back Button TMS470MF06607 Datasheet HTML 38Page - Texas Instruments TMS470MF06607 Datasheet HTML 39Page - Texas Instruments TMS470MF06607 Datasheet HTML 40Page - Texas Instruments TMS470MF06607 Datasheet HTML 41Page - Texas Instruments TMS470MF06607 Datasheet HTML 42Page - Texas Instruments TMS470MF06607 Datasheet HTML 43Page - Texas Instruments TMS470MF06607 Datasheet HTML 44Page - Texas Instruments TMS470MF06607 Datasheet HTML 45Page - Texas Instruments TMS470MF06607 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 65 page
background image
OSC
OSCOUT
OSCIN
(5-20 MHz)
FM PLL
Z
/1..64
x92..184
/1..8
/1..32
LPO
/1,2,4,8
/1..16
/1..16
/1,..1024
Prop_
seg
Phase_
seg2
/1,2..256
/2,3..2
24
HRP
/1..64
LRP
/2 ..2
0
5
/1,2..65536
LF OSC
HF OSC
0
1
4
5
VCLK (to Peripherals)
(A)
GCLK (to CPU)
(A)
HCLK (to SYSTEM)
(A)
RTICLK (to RTI)
(A)
VCLK2 (to HET)
(A)
AVCLK1
Phase_
seg1
CAN Baud Rate
1M Baud
8-MHz OSCIN
£
/2,3..2
24
/1,2..256
ECLK
20 MHz
£
ADCLK
20 MHz
£
LIN Baud Rate
20 kB/s
SCI Baud Rate
115.2 kB/s
£
£
SCI Baud Rate
115.2 kB/s
£
SPI Baud Rate
VCLK/2
£
HET
Loop
CLK
HET
HiRes
CLK
CAN (DCAN1, DCAN2)
MibSPI1,
MibSPI2
SCI
ADC
External Clock
LIN/SCI
HET
TMS470MF06607
SPNS157C
– JANUARY 2012
www.ti.com
5.2.4
Device Clock Domains Block Diagram
The clock domains block diagram and GCM clock source assignments are given in and Table 5-9.
A.
See Table 5-10.
Figure 5-7. Device Clock Domains Block Diagram
Table 5-9. GCM Clock Source Assignments
GCM SOURCE NUMBER
CLOCK SOURCE
0
OSCIN
1
F035 FMzPLL
2
Reserved(1)
3
Reserved(1)
4
LF OSC
5
HF OSC
6
Reserved(1)
7
Reserved(1)
(1)
‘Reserved’ clock sources should not be enabled or used.
42
Peripheral Information and Electrical Specifications
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS470MF06607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com