Electronic Components Datasheet Search
  English  ▼

X  

TMS470MF06607 Datasheet(PDF) 30 Page - Texas Instruments

Part # TMS470MF06607
Description  TMS470MF06607 16/32-Bit RISC Flash Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS470MF06607 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TMS470MF06607 Datasheet HTML 26Page - Texas Instruments TMS470MF06607 Datasheet HTML 27Page - Texas Instruments TMS470MF06607 Datasheet HTML 28Page - Texas Instruments TMS470MF06607 Datasheet HTML 29Page - Texas Instruments TMS470MF06607 Datasheet HTML 30Page - Texas Instruments TMS470MF06607 Datasheet HTML 31Page - Texas Instruments TMS470MF06607 Datasheet HTML 32Page - Texas Instruments TMS470MF06607 Datasheet HTML 33Page - Texas Instruments TMS470MF06607 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 65 page
background image
TMS470MF06607
SPNS157C
– JANUARY 2012
www.ti.com
3.12 Device Identification Code Register
The device identification code register identifies the coprocessor status, an assigned device-specific part
number, the technology family (TF), the I/O voltage, whether or not parity is supported, the levels of flash
and RAM error detection, and the device version. The TMS470M device identification code base register
value is 0X00246D15 and is subject to change based on the silicon version.
31
30
17
16
CP15
PART NUMBER
TF
R-0
R-00000000010010
R-0
15
13
12
11
10
9
8
TF
I/O VOLT
PP
FLASHECC
RAMECC
R-011
R-0
R-1
R-10
R-1
7
3
2
1
0
VERSION
1
0
1
R-0010
R-1
R-0
R-1
LEGEND: R = Read only; -n = value after reset
Figure 3-4. TMS470M Device ID Bit Allocation Register
Table 3-13. TMS470M Device ID Bit Allocation Register Field Descriptions
Bit
Field
Value
Description
31
CP15
This bit indicates the presence of coprocessor (CP15).
0
No coprocessor present in the device.
1
Coprocessor present in the device.
30-17
PART NUMBER
These bits indicate the assigned device-specific part number.
The assigned device-specific part number for the TMS470M device is 00000000010010.
16-13
TF
Technology family bit.
These bits indicate the technology family (C05, F05, F035, C035).
0011
F035
12
I/O VOLT
I/O voltage bit.
This bit identifies the I/O power supply.
0
3.3 V
1
5 V
11
PP
Peripheral parity bit.
This bit indicates whether parity is supported.
0
No parity on peripheral.
1
Parity on peripheral.
10
FLASHECC
Flash ECC bits.
These bits indicate the level of error detection and correction on the flash memory.
00
No error detection/correction.
01
Program memory with parity.
10
Program memory with ECC.
11
Reserved
8
RAMECC
RAM ECC bits.
This bit indicates the presence of error detection and correction on the CPU RAM.
0
RAM ECC not present.
1
RAM ECC present.
7-3
VERSION
These bits identify the silicon version of the device.
2-0
101
Bits 2:0 are set to 101 by default to indicate a platform device.
30
Device Configuration
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS470MF06607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com