Electronic Components Datasheet Search
  English  ▼

X  

TMS470MF06607 Datasheet(PDF) 37 Page - Texas Instruments

Part # TMS470MF06607
Description  TMS470MF06607 16/32-Bit RISC Flash Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS470MF06607 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TMS470MF06607 Datasheet HTML 33Page - Texas Instruments TMS470MF06607 Datasheet HTML 34Page - Texas Instruments TMS470MF06607 Datasheet HTML 35Page - Texas Instruments TMS470MF06607 Datasheet HTML 36Page - Texas Instruments TMS470MF06607 Datasheet HTML 37Page - Texas Instruments TMS470MF06607 Datasheet HTML 38Page - Texas Instruments TMS470MF06607 Datasheet HTML 39Page - Texas Instruments TMS470MF06607 Datasheet HTML 40Page - Texas Instruments TMS470MF06607 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 65 page
background image
Wake up
CPU
8 MHz
ON
OFF
Crystal-
Oscillator
with PLL
On-Chip
VREG
e.g., CAN
Module
Wake up
VREG
Update Status and Prepare
for Normal Operation
CPU
Ready for Normal Operation/CAN Message
TMS470MF06607
www.ti.com
SPNS157C
– JANUARY 2012
5.1.1
Sequence to Wake Up from Doze Mode
In doze mode, the HCLK, GCLK, VCLK, and VCLK2 are all turned off. Also, the main oscillator is the only
clock source running while in doze mode. For more details on the doze mode, see the TMS470M Series
Technical Reference Manual (SPNU495). Doze mode is not supported if the internal voltage regulator is
disabled.
The RTICLK is still active, which allows the RTI module to generate periodic wake up interrupts, if
required. The other wake-up options are: external interrupts via GIO pins, CAN message, and SCI/LIN.
The sequence for waking up from doze mode is described below:
1. Wake-up request is received/generated. Figure 5-3 shows the CAN module generating the wakeup
interrupt.
2. This wake-up event causes the core VREG to wake up.
3. Since the main oscillator is running already it is used as the clock source upon wake up.
4. The software runs using the main oscillator as the clock source. Also, the PLL can now be enabled.
5. Once the PLL has acquired LOCK, the software can switch over to using the PLL output clock for
normal operation.
Figure 5-3. Wake Up From Doze Mode
Copyright
© 2012, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
37
Submit Documentation Feedback
Product Folder Link(s): TMS470MF06607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com