Electronic Components Datasheet Search
  English  ▼

X  

TMS470MF06607 Datasheet(PDF) 36 Page - Texas Instruments

Part # TMS470MF06607
Description  TMS470MF06607 16/32-Bit RISC Flash Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS470MF06607 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TMS470MF06607 Datasheet HTML 32Page - Texas Instruments TMS470MF06607 Datasheet HTML 33Page - Texas Instruments TMS470MF06607 Datasheet HTML 34Page - Texas Instruments TMS470MF06607 Datasheet HTML 35Page - Texas Instruments TMS470MF06607 Datasheet HTML 36Page - Texas Instruments TMS470MF06607 Datasheet HTML 37Page - Texas Instruments TMS470MF06607 Datasheet HTML 38Page - Texas Instruments TMS470MF06607 Datasheet HTML 39Page - Texas Instruments TMS470MF06607 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 65 page
background image
V
CCIORmin(PORRST)f
t
V(PORRST)L
t
D(VCCIOR)0-3
PORRST
V
CC
3 V
TMS470MF06607
SPNS157C
– JANUARY 2012
www.ti.com
Table 5-2. Switching Characteristics Over Recommended Operating Conditions for RST and PORRST(1)
PARAMETER
MIN
MAX
UNIT
Valid time, RST active after PORRST inactive
1024tc(OSC)
tv(RST)
ns
Valid time, RST active (all others)
8tc(VCLK)
Vccio low supply level when PORRST must be active during power-up and
VCCIOPORL
1.1
V
power-down
(1)
Specified values do NOT include rise/fall times. For rise and fall timings, see Table 5-13.
Table 5-3. Internal Voltage Regulator Specifications
PARAMETER
MIN
MAX
UNIT
tD(VCCIOR)0-3
Delay time, input supply to ramp from 0 V to 3 V
12
µs
tV(PORRST)L
Valid time, PORRST active after input supply becomes
≥ 3.0 V
1
ms
Minimum input voltage, when PORRST must be made active
VCCIORmin(PORRST)f
3.0
V
during power down or brown out
Capacitance distributed over core VCC pins for voltage regulator
C(VCC)core
1.2
6.0
µF
stability
ESR(max)core
Total combined ESR of stabilization capacitors on core VCC pins
0
0.75
Ω
Figure 5-2. PORRST Timing Requirements
Table 5-4. VREG Recommended Operation Conditions
PARAMETER
CONDITIONS
MIN
MAX
UNIT
Normal mode, regulator active
0
200
mA
ICC
VCC Load Rating
Sleep mode, regulator active
5
mA
Off, enable forced off
-
-
µA
Table 5-5. VREG Sleep-Mode Timing Characteristics(1)
PARAMETER
MIN
MAX
UNIT
tnormal-sleep
Transition time between normal mode and sleep mode
70
ns
tsleep-normal
Transition time between sleep mode and normal mode
3.5
µs
(1)
These times only reflect VREG transition times. Times for other components are not included.
36
Peripheral Information and Electrical Specifications
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS470MF06607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com