Electronic Components Datasheet Search
  English  ▼

X  

TMS470MF06607 Datasheet(PDF) 19 Page - Texas Instruments

Part # TMS470MF06607
Description  TMS470MF06607 16/32-Bit RISC Flash Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS470MF06607 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMS470MF06607 Datasheet HTML 15Page - Texas Instruments TMS470MF06607 Datasheet HTML 16Page - Texas Instruments TMS470MF06607 Datasheet HTML 17Page - Texas Instruments TMS470MF06607 Datasheet HTML 18Page - Texas Instruments TMS470MF06607 Datasheet HTML 19Page - Texas Instruments TMS470MF06607 Datasheet HTML 20Page - Texas Instruments TMS470MF06607 Datasheet HTML 21Page - Texas Instruments TMS470MF06607 Datasheet HTML 22Page - Texas Instruments TMS470MF06607 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 65 page
background image
TMS470MF06607
www.ti.com
SPNS157C
– JANUARY 2012
Table 3-1. Reset/Abort Sources (continued)
ESM HOOKUP,
ERROR SOURCE
SYSTEM MODE
ERROR RESPONSE
GROUP.CHANNEL
Oscillator fail / PLL slip(3)
n/a
Reset
n/a
M3 Lockup/LRM
n/a
Reset
n/a
Watchdog time limit exceeded
n/a
Reset
n/a
CPU Reset
n/a
Reset
n/a
Software Reset
n/a
Reset
n/a
External Reset
n/a
Reset
n/a
(3)
Oscillator fail/PLL slip can be configured in the system register (SYS.PLLCTL1) to generate a reset.
3.2
Lockup Reset Module
The lockup reset module (LRM) is implemented to communicate a lockup condition by the core. The LRM
provides a small watchdog timer which can generate a system reset in case a lockup condition that is
identified by the core cannot be cleared by software.
3.3
ESM Assignments
The ESM module is intended for the communication critical system failures in a central location. The error
indication is by an error interrupt when the failure is recognized from any detection unit. The ESM module
consist of three error groups with 32 inputs each. The generation of the interrupts is shown in Table 3-2.
ESM assignments are listed in Table 3-3.
Table 3-2. ESM Groups
ERROR GROUP
INTERRUPT, LEVEL
Group1
maskable, low/high
Group2
non-maskable, high
Group3
Not Used
Table 3-3. ESM Assignments
ERROR SOURCES
CHANNEL
GROUP 1
Reserved
0 - 5
Flash - ECC Single Bit
6
HET memory parity error
7
Reserved
8-9
PLL Slip Error
10
Clock Monitor interrupt
11
Reserved
12-16
MibSPI1 memory parity error
17
MibSPIP2 memory parity error
18
MibADC memory parity error
19
Reserved
20
DCAN1 memory parity error
21
Reserved
22
DCAN2 memory parity error
23
Reserved
24-25
SRAM - single bit
26
CPU LBIST - selftest error
27
Copyright
© 2012, Texas Instruments Incorporated
Device Configuration
19
Submit Documentation Feedback
Product Folder Link(s): TMS470MF06607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com