Electronic Components Datasheet Search
  English  ▼

X  

TMS470MF06607 Datasheet(PDF) 17 Page - Texas Instruments

Part # TMS470MF06607
Description  TMS470MF06607 16/32-Bit RISC Flash Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS470MF06607 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMS470MF06607 Datasheet HTML 13Page - Texas Instruments TMS470MF06607 Datasheet HTML 14Page - Texas Instruments TMS470MF06607 Datasheet HTML 15Page - Texas Instruments TMS470MF06607 Datasheet HTML 16Page - Texas Instruments TMS470MF06607 Datasheet HTML 17Page - Texas Instruments TMS470MF06607 Datasheet HTML 18Page - Texas Instruments TMS470MF06607 Datasheet HTML 19Page - Texas Instruments TMS470MF06607 Datasheet HTML 20Page - Texas Instruments TMS470MF06607 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 65 page
background image
Full Part Number
Orderable Part Number
TMS
470
MF
06
6
07
B
S
PZ
Q
Q1
R
S
4
MF
06
6
07
B
S
PZ
Q
Q1
R
Prefix: TM
S = TMS Qualified
P = TMP Prototype
X = TMX Samples
Core Technology:
4 = 470 Cortex M3
Architecture:
MF = M3 Flash
Flash Memory Size:
06 = 640 KBytes
RAM Memory Size:
6 = 64 KBytes
Package Option:
07 = 100-pin package
Die Revision:
Blank = Initial Die
A = First Die Revision
B = Second Die Revision
Technology/Core Voltage:
S = F035 (130 nm), 1.5-V Nominal Core Voltage
Package Type:
PZ = 100-Pin QFP Package (Green)
Temperature Range:
I = -40°C to +85°C
T = -40
+105
°C to
°C
Q = -40
+125
°C to
°C
Quality Designator:
Q1 = Automotive
Shipping Options:
R = Tape and Reel
TMS470MF06607
www.ti.com
SPNS157C
– JANUARY 2012
NOTE: The part number given above is for illustrative purposes only and does not represent the specific part number
or silicon revision to which this document applies.
Figure 2-2. TMS470M Device Numbering Conventions
Copyright
© 2012, Texas Instruments Incorporated
Device Overview
17
Submit Documentation Feedback
Product Folder Link(s): TMS470MF06607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com