Electronic Components Datasheet Search
  English  ▼

X  

TMS470MF06607 Datasheet(PDF) 24 Page - Texas Instruments

Part # TMS470MF06607
Description  TMS470MF06607 16/32-Bit RISC Flash Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS470MF06607 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMS470MF06607 Datasheet HTML 20Page - Texas Instruments TMS470MF06607 Datasheet HTML 21Page - Texas Instruments TMS470MF06607 Datasheet HTML 22Page - Texas Instruments TMS470MF06607 Datasheet HTML 23Page - Texas Instruments TMS470MF06607 Datasheet HTML 24Page - Texas Instruments TMS470MF06607 Datasheet HTML 25Page - Texas Instruments TMS470MF06607 Datasheet HTML 26Page - Texas Instruments TMS470MF06607 Datasheet HTML 27Page - Texas Instruments TMS470MF06607 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 65 page
background image
TMS470MF06607
SPNS157C
– JANUARY 2012
www.ti.com
Table 3-7. Adaptive Impedance 4 mA Buffer Mode Availability
ADAPTIVE IMPEDANCE 4 mA BUFFER SIGNAL REGISTER HOOKUP
MODULE OR PIN NAME
LOW-POWER MODE (LPM)
STANDARD BUFFER ENABLE (SBEN)(1)
SYS.ECLK
SYS.VRCTL.VLPMENA
GPREG1.0
SYS.nRST
SYS.VRCTL.VLPMENA
GPREG1.1
SYS.TDI/TDO
SYS.VRCTL.VLPMENA
Standard Buffer Enabled
SYS.TMSC
SYS.VRCTL.VLPMENA
Standard Buffer Enabled
HET
SYS.VRCTL.VLPMENA
GPREG1.2
SCI1
SYS.VRCTL.VLPMENA
GPREG1.3
LIN/SCI2
SYS.VRCTL.VLPMENA
GPREG1.4
MIBSPI1
SYS.VRCTL.VLPMENA
GPREG1.5
MIBSPIP2
SYS.VRCTL.VLPMENA
GPREG1.6
Reserved
SYS.VRCTL.VLPMENA
GPREG1.7
MIBADC.ADEVT
SYS.VRCTL.VLPMENA
GPREG1.8
DCAN1
SYS.VRCTL.VLPMENA
GPREG1.9
DCAN2
SYS.VRCTL.VLPMENA
GPREG1.10
GIOA
SYS.VRCTL.VLPMENA
GPREG1.11
(1)
SBEN configuration can be achieved using the GPREG register within the system frame (0xFFFFFFA0).
24
Device Configuration
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS470MF06607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com