Electronic Components Datasheet Search
  English  ▼

X  

TMS470MF06607 Datasheet(PDF) 23 Page - Texas Instruments

Part # TMS470MF06607
Description  TMS470MF06607 16/32-Bit RISC Flash Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS470MF06607 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMS470MF06607 Datasheet HTML 19Page - Texas Instruments TMS470MF06607 Datasheet HTML 20Page - Texas Instruments TMS470MF06607 Datasheet HTML 21Page - Texas Instruments TMS470MF06607 Datasheet HTML 22Page - Texas Instruments TMS470MF06607 Datasheet HTML 23Page - Texas Instruments TMS470MF06607 Datasheet HTML 24Page - Texas Instruments TMS470MF06607 Datasheet HTML 25Page - Texas Instruments TMS470MF06607 Datasheet HTML 26Page - Texas Instruments TMS470MF06607 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 65 page
background image
DAP
CPU
Boundary
Scan
Boundary Scan Interface
Boundary Scan Chain #0
TDI
TDO
TMS470MF06607
www.ti.com
SPNS157C
– JANUARY 2012
3.7
JTAG ID
The 32-bit JTAG ID code for this device is 0x0B7E202F.
3.8
Scan Chains
The device contains an ICEPICK module to access the debug scan chains; see Figure 3-1. Debug scan
chain #0 handles the access to the CPU. The ICEPICK scan ID is 0x00246D15, which is the same as the
device ID.
Figure 3-1. Debug Scan Chains
3.9
Low-Power Modes
TMS470M devices support multiple low-power modes. These different modes allow the user to trade-off
the amount of current consumption during low power mode versus functionality and wake-up time.
Supported low-power modes on the TMS470MF06607 are Doze and Sleep; for a detailed description see
the TMS470M Series Technical Reference Manual (SPNU495).
3.10 Adaptive Impedance 4 mA IO Buffer
The adaptive impedance 4 mA buffer is a buffer that has been explicitly designed to address the issue of
decoupling EMI sources from the pins which they drive. This is accomplished by adaptively controlling the
impedance of the output buffer and should be particularly effective with capacitive loads.
The adaptive impedance 4 mA buffer features two modes of operation: Impedance Control Mode, and
Low-Power Mode/Standard Buffer Mode as defined below:
•
Impedance Control Mode is enabled in the design by default. This mode adaptively controls the
impedance of the output buffer.
•
Low-Power Mode is functionally identical to Standard Buffer Mode and is used to configure the
buffer back into a generic configuration. This buffer mode is used during low-power device modes,
when it is necessary to drive the output at very high speeds, or when EMI reduction is not a concern.
Copyright
© 2012, Texas Instruments Incorporated
Device Configuration
23
Submit Documentation Feedback
Product Folder Link(s): TMS470MF06607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com