Electronic Components Datasheet Search
  English  ▼

X  

TMS470MF06607 Datasheet(PDF) 25 Page - Texas Instruments

Part # TMS470MF06607
Description  TMS470MF06607 16/32-Bit RISC Flash Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS470MF06607 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMS470MF06607 Datasheet HTML 21Page - Texas Instruments TMS470MF06607 Datasheet HTML 22Page - Texas Instruments TMS470MF06607 Datasheet HTML 23Page - Texas Instruments TMS470MF06607 Datasheet HTML 24Page - Texas Instruments TMS470MF06607 Datasheet HTML 25Page - Texas Instruments TMS470MF06607 Datasheet HTML 26Page - Texas Instruments TMS470MF06607 Datasheet HTML 27Page - Texas Instruments TMS470MF06607 Datasheet HTML 28Page - Texas Instruments TMS470MF06607 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 65 page
background image
TMS470MF06607
www.ti.com
SPNS157C
– JANUARY 2012
3.10.1 Standard Buffer Enable Register (GPREG1)
A general purpose register with the system frame has been utilized to control the enabling of standard
buffer mode. This register is shown in Figure 3-2 and described in Table 3-8
31
16
Reserved
R-0
15
12
11
10
9
8
ADC.ADEVT_
Reserved
GIOA_SBEN
DCAN2_SBEN
DCAN1_SBEN
SBEN
R-0
RW-0
RW-0
RW-0
RW-0
7
6
5
4
3
2
1
0
MIBSPIP2_
MIBSPI1_
LIN2SCI2_
LIN1SCI1_
Reserved
HET_SBEN
RST_SBEN
ECLK_SBEN
SBEN
SBEN
SBEN
SBEN
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Figure 3-2. General-Purpose Register 1 (GPREG1)
Table 3-8. General-Purpose Register 1 (GPREG1) Field Descriptions
Bit
Field
Value
Description
31-12
Reserved
These bits are reserved. Reads return 0 and writes have no effect.
11
GIOA_SBEN
GIOA port standard buffer enable bit.
This bit enables/disables standard buffer mode for all GIOA pins
0
Standard buffer mode is not enabled.
1
Standard buffer mode is enabled for all associated module pins.
10
DCAN2_SBEN
DCAN2 standard buffer enable bit.
This bit enables/disables standard buffer mode for all DCAN2 pins.
0
Standard buffer mode is not enabled.
1
Standard buffer mode is enabled for all associated module pins.
9
DCAN1_SBEN
DCAN1 standard buffer enable bit.
This bit enables/disables standard buffer mode for all DCAN1 pins.
0
Standard buffer mode is not enabled.
1
Standard buffer mode is enabled for all associated module pins.
8
ADC.ADEVT_SBEN
ADC.ADEVT standard buffer enable bit.
This bit enables/disables standard buffer mode for the ADC.ADEVT pin.
0
Standard buffer mode is not enabled.
1
Standard buffer mode is enabled for the ADEVT pin.
7
Reserved
Reserved
0
Reserved
1
Reserved
6
MIBSPIP2_SBEN
MIBSPIP2 standard buffer enable bit.
This bit enables/disables standard buffer mode for all MIBSPIP2 pins.
0
Standard buffer mode is not enabled.
1
Standard buffer mode is enabled for all associated module pins.
5
MIBSPI1
MIBSPI1 standard buffer enable bit.
This bit enables/disables standard buffer mode for all MIBSPI1 pins.
0
Standard buffer mode is not enabled.
1
Standard buffer mode is enabled for all associated module pins.
4
LIN2SCI2_SBEN
LINSCI2 standard buffer enable bit.
This bit enables/disables standard buffer mode for all LINSCI2 pins.
0
Standard buffer mode is not enabled.
1
Standard buffer mode is enabled for all associated module pins.
Copyright
© 2012, Texas Instruments Incorporated
Device Configuration
25
Submit Documentation Feedback
Product Folder Link(s): TMS470MF06607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com