Electronic Components Datasheet Search
  English  ▼

X  

TMS470MF06607 Datasheet(PDF) 57 Page - Texas Instruments

Part # TMS470MF06607
Description  TMS470MF06607 16/32-Bit RISC Flash Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS470MF06607 Datasheet(HTML) 57 Page - Texas Instruments

Back Button TMS470MF06607 Datasheet HTML 53Page - Texas Instruments TMS470MF06607 Datasheet HTML 54Page - Texas Instruments TMS470MF06607 Datasheet HTML 55Page - Texas Instruments TMS470MF06607 Datasheet HTML 56Page - Texas Instruments TMS470MF06607 Datasheet HTML 57Page - Texas Instruments TMS470MF06607 Datasheet HTML 58Page - Texas Instruments TMS470MF06607 Datasheet HTML 59Page - Texas Instruments TMS470MF06607 Datasheet HTML 60Page - Texas Instruments TMS470MF06607 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 65 page
background image
Rmux
Rsamp
Csamp
Cmux
Pin
Rmux
Smux
Smux
Pin
IAIL
Ssamp
IAIL
Rmux
Smux
Pin
IAIL
IAIL
TMS470MF06607
www.ti.com
SPNS157C
– JANUARY 2012
5.7.1
MibADC Input Model
Figure 5-21. MibADC Input Equivalent Circuit
Table 5-24. Multi-Buffer ADC Timing Requirements
PARAMETER
MIN
NOM
MAX
UNIT
tc(ADCLK)
Cycle time, MibADC clock
0.05
µs
td(SH)
Delay time, sample and hold time
1
µs
td(C)
Delay time, conversion time
0.55
µs
td(SHC)
(1)
Delay time, total sample/hold and conversion time
1.55
µs
(1)
This is the minimum sample/hold and conversion time that can be achieved. These parameters are dependent on many factors.
Copyright
© 2012, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
57
Submit Documentation Feedback
Product Folder Link(s): TMS470MF06607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com