Electronic Components Datasheet Search
  English  ▼

X  

TMS470MF06607 Datasheet(PDF) 18 Page - Texas Instruments

Part # TMS470MF06607
Description  TMS470MF06607 16/32-Bit RISC Flash Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS470MF06607 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMS470MF06607 Datasheet HTML 14Page - Texas Instruments TMS470MF06607 Datasheet HTML 15Page - Texas Instruments TMS470MF06607 Datasheet HTML 16Page - Texas Instruments TMS470MF06607 Datasheet HTML 17Page - Texas Instruments TMS470MF06607 Datasheet HTML 18Page - Texas Instruments TMS470MF06607 Datasheet HTML 19Page - Texas Instruments TMS470MF06607 Datasheet HTML 20Page - Texas Instruments TMS470MF06607 Datasheet HTML 21Page - Texas Instruments TMS470MF06607 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 65 page
background image
TMS470MF06607
SPNS157C
– JANUARY 2012
www.ti.com
3
Device Configuration
3.1
Reset/Abort Sources
Resets/aborts are handled as shown in Table 3-1.
Table 3-1. Reset/Abort Sources
ESM HOOKUP,
ERROR SOURCE
SYSTEM MODE
ERROR RESPONSE
GROUP.CHANNEL
1) CPU TRANSACTIONS
Precise write error (NCNB/Strongly Ordered)
User/Privilege
Precise Abort (CPU)
n/a
Precise read error (NCB/Device or Normal)
User/Privilege
Precise Abort (CPU)
n/a
Imprecise write error (NCB/Device or Normal)
User/Privilege
Imprecise Abort (CPU)
n/a
External imprecise error (Illegal transaction with ok
User/Privilege
ESM
2.17
response)
Illegal instruction
User/Privilege
Undefined Instruction Trap
n/a
(CPU)(1)
M3 Lockup
User/Privilege
ESM =
> NMI
2.16
MPU access violation
User/Privilege
Abort (CPU)
n/a
2) SRAM
ECC single error (correctable)
User/Privilege
ESM
1.26
ECC double error (uncorrectable)
User/Privilege
ESM =
> NMI
2.6
3) FLASH WITH ECC
ECC single error (correctable)
User/Privilege
ESM
1.6
ECC double error (uncorrectable)
User/Privilege
ESM =
> NMI
2.4
8) HET
HET Memory parity error
User/Privilege
ESM
1.7
9) MIBSPI
MibSPI1 memory parity error
User/Privilege
ESM
1.17
MibSPI2 memory parity error
User/Privilege
ESM
1.18
10) MIBADC
Memory parity error
User/Privilege
ESM
1.19
11) DCAN/CAN
DCAN1 memory parity error
User/Privilege
ESM
1.21
DCAN2 memory parity error
User/Privilege
ESM
1.23
13) PLL
PLL slip error
User/Privilege
ESM
1.10
14) CLOCK MONITOR
Clock monitor interrupt
User/Privilege
ESM
1.11
19) VOLTAGE REGULATOR
Vcc out of range
n/a
Reset
n/a
20) CPU SELFTEST (LBIST)
CPU Selftest (LogicBIST) error
User/Privilege
ESM
1.27
21) ERRORS REFLECTED IN THE SYSESR REGISTER
Power-Up Reset/Vreg out of voltage(2)
n/a
Reset
n/a
(1)
The undefined instruction trap is NOT detected outside of the CPU. The trap is taken only if the code reaches the execute stage of the
CPU.
(2)
Both a power-on reset and Vreg out-of-range reset are indicated by the PORST bit in the SYSESR register.
18
Device Configuration
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS470MF06607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com