Electronic Components Datasheet Search
  English  ▼

X  

TMS470MF06607 Datasheet(PDF) 55 Page - Texas Instruments

Part # TMS470MF06607
Description  TMS470MF06607 16/32-Bit RISC Flash Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS470MF06607 Datasheet(HTML) 55 Page - Texas Instruments

Back Button TMS470MF06607 Datasheet HTML 51Page - Texas Instruments TMS470MF06607 Datasheet HTML 52Page - Texas Instruments TMS470MF06607 Datasheet HTML 53Page - Texas Instruments TMS470MF06607 Datasheet HTML 54Page - Texas Instruments TMS470MF06607 Datasheet HTML 55Page - Texas Instruments TMS470MF06607 Datasheet HTML 56Page - Texas Instruments TMS470MF06607 Datasheet HTML 57Page - Texas Instruments TMS470MF06607 Datasheet HTML 58Page - Texas Instruments TMS470MF06607 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 65 page
background image
TMS470MF06607
www.ti.com
SPNS157C
– JANUARY 2012
5.5
CAN Controller (DCANn) Mode Timings
Table 5-20. Dynamic Characteristics for the CANnSTX and CANnSRX Pins
PARAMETER
MIN
MAX
UNIT
td(CANnSTX)
Delay time, transmit shift register to CANnSTX pin(1)
15
ns
td(CANnSRX)
Delay time, CANnSRX pin to receive shift register
6
ns
(1)
These values do not include rise/fall times of the output buffer.
5.6
High-End Timer (HET) Timings
Table 5-21. Dynamic Characteristics for the HET Pins
PARAMETER
MIN
MAX
UNIT
topw(HET)
Output pulse width, this is the minimum pulse width that can be generated(1)
1/f(VCLK2)
ns
tipw(HET)
Input pulse width, this is the minimum pulse width that can be captured(2)
1/f(VCLK2)
ns
(1)
topw(HET)min = HRP(min) = hr(min) / VCLK2.
(2)
tipw(HET) = LRP(min) = hr(min) * lr(min) / VCLK2.
Copyright
© 2012, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
55
Submit Documentation Feedback
Product Folder Link(s): TMS470MF06607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com