Electronic Components Datasheet Search
  English  ▼

X  

TAS3202 Datasheet(PDF) 2 Page - Texas Instruments

Part # TAS3202
Description  AUDIO DSP WITH ANALOG INTERFACE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS3202 Datasheet(HTML) 2 Page - Texas Instruments

  TAS3202 Datasheet HTML 1Page - Texas Instruments TAS3202 Datasheet HTML 2Page - Texas Instruments TAS3202 Datasheet HTML 3Page - Texas Instruments TAS3202 Datasheet HTML 4Page - Texas Instruments TAS3202 Datasheet HTML 5Page - Texas Instruments TAS3202 Datasheet HTML 6Page - Texas Instruments TAS3202 Datasheet HTML 7Page - Texas Instruments TAS3202 Datasheet HTML 8Page - Texas Instruments TAS3202 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 69 page
background image
DSP Core
8051 Microprocessor Core
Oscillator
DPLL
Clock
Divider
512Fs XTAL
MCLK_IN
512Fs
Slave
Clock
Generation
Serial Audio Port
LRCLK_OUT
SCLK_OUT
LRCLK_IN
SCLK_IN
SDOUT1
Stereo
ADC
Two Differential
Stereo Analog
Inputs
Stereo
DAC
Differential
Stereo Analog
Output
SCL1/SDA1
SCL2/SDA2
GPIO1/2
Master/Slave
Power
Supply
AVDD
DVDD
128Fs
Volume
Update
Input
Cross
Bar
Mixer
Output Cross
Bar Mixer
SDIN1
SDIN2
Clocks
Legend
Digital Data
Analog Data
Internal Connection
External Connection
Control
Registers
External
RAM 2K
Code
RAM 16K
8-Bit
MCU
Internal
RAM 256
Data RAM
1K Upper Mem
768 Lower Mem
Coefficient
RAM 1.2K
Code
RAM 3K
DSP
Control
Memory
Interface
Data
Path
I2C
Control
Interface
Delay
Memory
5.8K
SDOUT2
TAS3202
SLES208B – JUNE 2009 – REVISED MARCH 2011
www.ti.com
Figure 1-1. Expanded Functional Block Diagram
1.4
Ordering Information
TA
PLASTIC 64-PIN PQFP (PN)(1)
0°C to 70°C
TAS3202PAG
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
2
Introduction
Copyright © 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TAS3202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com