Electronic Components Datasheet Search
  English  ▼

X  

TAS3202 Datasheet(PDF) 46 Page - Texas Instruments

Part # TAS3202
Description  AUDIO DSP WITH ANALOG INTERFACE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS3202 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TAS3202 Datasheet HTML 42Page - Texas Instruments TAS3202 Datasheet HTML 43Page - Texas Instruments TAS3202 Datasheet HTML 44Page - Texas Instruments TAS3202 Datasheet HTML 45Page - Texas Instruments TAS3202 Datasheet HTML 46Page - Texas Instruments TAS3202 Datasheet HTML 47Page - Texas Instruments TAS3202 Datasheet HTML 48Page - Texas Instruments TAS3202 Datasheet HTML 49Page - Texas Instruments TAS3202 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 69 page
background image
TAS3202
SLES208B – JUNE 2009 – REVISED MARCH 2011
www.ti.com
9
I
2C Register Map
I2C registers are also mapped to some of the Extended Special Function Registers (ESFRs). They are
defined in the following sections.
Table 9-1. I2C Register Map
NO. OF
INITIALIZATION
SUBADDRESS
REGISTER NAME
CONTENTS
BYTES
VALUE
0x00
Clock Control Register
4
Description shown in Section 9.1
0x00, 0x40, 0x1B, 0x22
0x01
Reserved
4
Reserved
0x00, 0x00, 0x00, 0x40
0x02
Status Register
4
Description shown in Section 9.2
0x00, 0x00, 0x03, 0xFF
0x03
Unused
0x00, 0x00, 0x00, 0x00
0x00, 0x00, 0x00, 0x00
0x04
I2C Memory Load Control
8
Description shown in Section 9.3
0x00, 0x00, 0x00, 0x00
0x00, 0x00, 0x00, 0x00
0x05
I2C Memory Load Data
8
Description shown in Section 9.3
0x00, 0x00, 0x00, 0x00
u(31:24)(1), MemSelect(23:16),
0x06
Memory Access Register 1
4
0x00, 0x00, 0x00, 0x00
Addr(15:8), Addr(7:0)
D(63:56), D(55:48), D(47:40),
0x00, 0x00, 0x00, 0x00
0x07
Memory Access Register 2
16
D(39:32), D(31:24), D(23:16),
0x00, 0x00, 0x00, 0x00
D(15:8), D(7:0)
0x08
Device Version
4
TAS3202 version
0x00, 0x00, 0x00, 0x01
0x09
Unused
Unused
Unused
Unused
0x10
Analog Power Down Control 1
4
Analog Power Down Control 1
0x00, 0x00, 0x00, 0x1F
0x11
Analog Power Down Control 2
4
Analog Power Down Control 2
0x00, 0x00, 0x00, 0xFF
0x12
Analog Input Control
4
Analog Input Control
0x00, 0x00, 0x00, 0x01
0x13
ADC Dynamic Element Matching
4
ADC Dynamic Element Matching
0x00, 0x00, 0x00, 0x08
0x14
Unused
4
Unused
0x00, 0x00, 0x00, 0x00
0x15
Unused
4
Unused
0x00, 0x00, 0x00, 0x00
0x16
Unused
Unused
0x17
ADC Current Control 1
4
ADC Current Control 1
0x00, 0x00, 0x00, 0x00
0x18
ADC Current Control 2
4
ADC Current Control 2
0x00, 0x00, 0x00, 0x00
0x19
Unused
4
Unused
0x1A
DAC Control 1
4
DAC Control 1
0x00, 0x00, 0x00, 0x00
0x1B
DAC Control 2
4
DAC Control 2
0x00, 0x00, 0x00, 0x00
0x1C
Unused
4
Analog Test Modes
0x00, 0x00, 0x00, 0x00
0x1D
DAC Control 3
4
DAC Modulator Dither
0x00, 0x00, 0x00, 0x00
0x1E
ADC and DAC Reset
4
ADC/DAC Digital Reset
0x00, 0x00, 0x00, 0x00
0x1F
Analog Input Gain Select
Analog Input Gain Select
0x00, 0x00, 0x00, 0x00
0x20
Unused
4
Clock Delay Setting ADC
0x00, 0x00, 0x00, 0x00
0x21
MCLK_OUT2 Divider
4
MCLK_OUT2 Divider
0x00, 0x00, 0x00, 0x05
0x22
MCLK_OUT3 Divider
4
MCLK_OUT3 Divider
0x00, 0x00, 0x00, 0x00
0x30–0x3F
Digital Cross Bar
32
Digital Cross Bar
See Section 9.14
(1)
u indicates unused bits.
In the following sections, BOLD indicates the default state of the bit fields.
46
Copyright © 2009–2011, Texas Instruments Incorporated
I2C Register Map
Submit Documentation Feedback
Product Folder Link(s): TAS3202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com