Electronic Components Datasheet Search
  English  ▼

X  

TAS3202 Datasheet(PDF) 44 Page - Texas Instruments

Part # TAS3202
Description  AUDIO DSP WITH ANALOG INTERFACE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS3202 Datasheet(HTML) 44 Page - Texas Instruments

Back Button TAS3202 Datasheet HTML 40Page - Texas Instruments TAS3202 Datasheet HTML 41Page - Texas Instruments TAS3202 Datasheet HTML 42Page - Texas Instruments TAS3202 Datasheet HTML 43Page - Texas Instruments TAS3202 Datasheet HTML 44Page - Texas Instruments TAS3202 Datasheet HTML 45Page - Texas Instruments TAS3202 Datasheet HTML 46Page - Texas Instruments TAS3202 Datasheet HTML 47Page - Texas Instruments TAS3202 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 69 page
background image
SDA
SCL
tf
tSU-DAT
tHD-STA
tr
tBUF
tSU-STO
P
S
tSP
tSU-STA
Sr
tHIGH
tHD-DAT
tLOW
tr
tHD-STA
S
tf
T0114-01
External
Microcontroller
V
I(SDA)
DVDD
I
P
I
P
V
I(SCL)
SDA
R
P
R
P
SCL
TAS3202
TAS3202
External
Microcontroller
V
I
DVDD
I
P
SDA
or
SCL
R
S
(2)
V
S
(1)
R
S
(2)
R
P
TAS3202
SLES208B – JUNE 2009 – REVISED MARCH 2011
www.ti.com
NOTE
SDA does not have the standard I
2C specification 300-ns internal hold time. SDA must be
valid by the rising and falling edges of SCL.
Figure 8-6. Start and Stop Conditions Timing Waveforms
8.11.1 Recommended I
2C Pullup Resistors
It is recommended that the I2C pullup resistors RP be 4.7 kΩ (see Figure 8-7). If a series resistor is in the
circuit (see Figure 8-8), the series resistor RS should be less than or equal to 300 Ω.
Figure 8-7. I2C Pullup Circuit (With No Series Resistor)
(1)
VS = DVDD × RS/(RS – RP). When driven low, VS << VIL requirements.
(2)
RS ≤ 300 Ω
Figure 8-8. I2C Pullup Circuit (With Series Resistor)
44
Electrical Specifications
Copyright © 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TAS3202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com