Electronic Components Datasheet Search
  English  ▼

X  

TAS3202 Datasheet(PDF) 33 Page - Texas Instruments

Part # TAS3202
Description  AUDIO DSP WITH ANALOG INTERFACE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS3202 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TAS3202 Datasheet HTML 29Page - Texas Instruments TAS3202 Datasheet HTML 30Page - Texas Instruments TAS3202 Datasheet HTML 31Page - Texas Instruments TAS3202 Datasheet HTML 32Page - Texas Instruments TAS3202 Datasheet HTML 33Page - Texas Instruments TAS3202 Datasheet HTML 34Page - Texas Instruments TAS3202 Datasheet HTML 35Page - Texas Instruments TAS3202 Datasheet HTML 36Page - Texas Instruments TAS3202 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 69 page
background image
CLIP
DATA RAM
1022 × 48
COEF RAM
1022 × 28
PREG3
LR
(PREG2)
Barrel Shift,
NEG, ABS,
or THRU
MR
(PREG3)
Micro
Mem
IF
To Output SAP
DI
(
(3 lsbs)
)
EREG3
ACC
L
(CREG)
B
(BREG)
MD
(AREG)
MC
(RREG)
32
48
76
76
48
48
76
48
48
48
48
48
48
76
28
28 48
28
2
48
28
28
48
28
48
76
48
48
28
48
28
28
48
48
28
48
48
Multiply
Legend
Register
Output Register File (DO1 – DO8)
(DREG1 – DREG8)
ADD
Delay RAM
5.8K × 24
DLYO
(EREG1)
48
28
Operand A
Operand B
76
“ZERO”
VOL (5 lsbs)
(EREG4)
LFS
(LFSR)
48
28
28-bit data
48
48-bit data
76
76-bit data
BR
(PREG1)
32
32-bit data
LOG, ALOG,
NEG, ABS,
or THRU
DLYI
(DREG9)
48
TAS3202
www.ti.com
SLES208B – JUNE 2009 – REVISED MARCH 2011
Figure 7-1. DSP Core Block Diagram
Copyright © 2009–2011, Texas Instruments Incorporated
Digital Audio Processor (DAP) Arithmetic Unit
33
Submit Documentation Feedback
Product Folder Link(s): TAS3202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com