Electronic Components Datasheet Search
  English  ▼

X  

TAS3202 Datasheet(PDF) 6 Page - Texas Instruments

Part # TAS3202
Description  AUDIO DSP WITH ANALOG INTERFACE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS3202 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS3202 Datasheet HTML 2Page - Texas Instruments TAS3202 Datasheet HTML 3Page - Texas Instruments TAS3202 Datasheet HTML 4Page - Texas Instruments TAS3202 Datasheet HTML 5Page - Texas Instruments TAS3202 Datasheet HTML 6Page - Texas Instruments TAS3202 Datasheet HTML 7Page - Texas Instruments TAS3202 Datasheet HTML 8Page - Texas Instruments TAS3202 Datasheet HTML 9Page - Texas Instruments TAS3202 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 69 page
background image
TAS3202
SLES208B – JUNE 2009 – REVISED MARCH 2011
www.ti.com
I2S clock slave operation:
•
MCLK_IN (512Fs), SCLK_IN (64Fs), and LRCLK_IN (Fs) are supplied externally. Clock generation is
similar to the master mode with the exception of the ADC and the DAC blocks. MCLK_IN signal is
divided down and sent directly to the ADC and the DAC blocks. Therefore, audio performance
depends on the MCLK_IN signal.
•
DSP, MCU, and I2C clocks are still derived from external crystal oscillator.
•
MCLK_OUT, SCLK_OUT, and LRCLK_OUT are passed through from clock inputs (MCLK_IN,
SCLK_IN, and LRCLK_IN).
•
Internal analog clocks for ADC and DACs are derived from external MCLK_IN input, so analog
performance depends on MCLK_IN quality (i.e., jitter, phase noise, etc.). Degradation in analog
performance is to be expected.
•
Sample rate change/clock change
–
Sample rate change on the fly should be handled by the customer system controller. The TAS3202
device does not include any internal clock error or click/pop detection/management.
–
Sample rate dependent DAP filter coefficients must be uploaded by customer system controller on
changing sample rate.
In I2S clock slave mode, all incoming serial audio data must be synchronous to an incoming LRCLK_IN of
44.1 kHz or 48 kHz.
2.6
I
2C Control Interface
The TAS3202 has an I2C slave-only interface (SDA1 and SCL1) for receiving commands and providing
status to the system controller, and a separate master I2C interface (SDA2 and SCL2) to download
programs and data from external memory, such as an EEPROM. See Section 6 for more information. I2C
interface is not 5-V tolerant.
2.7
8051 Microcontroller
The 8051 microcontroller receives and distributes I2C write data. It retrieves and outputs data as
requested from the I2C bus controller. It performs most processing tasks requiring multi-frame processing
cycles. The microprocessor has its own data RAM for storing intermediate values and queuing I2C
commands, a fixed boot program ROM, and a programmable RAM. The microprocessor's boot program
cannot be altered. The microcontroller has specialized hardware for an I2C master and slave interface
operation, volume updates, and a programmable interval-timer interrupt.
2.8
Audio Digital Signal Processor (DSP) Core
The audio DSP core arithmetic unit is a fixed-point computational engine consisting of an arithmetic unit
and data and coefficient memory blocks. The audio processing structure, which can include mixers,
multiplexers, volume, bass and treble, equalizers, dynamic range compression, or third-party algorithms, is
running in the DAP. The 8051 microcontroller has access to digital audio processor (DAP) resources such
as coefficient RAM and is able to support the DAP with certain tasks; for example, a volume ramp. The
primary blocks of the audio DSP core are:
•
48-bit data path with 76-bit accumulator
•
DSP controller
•
Memory interface
•
Coefficient RAM (1K×28)
•
Data RAM – 24-bit upper memory (1K×24), 48-bit lower memory (768×48)
•
Program RAM (3K×55)
6
Functional Description
Copyright © 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TAS3202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com