Electronic Components Datasheet Search
  English  ▼

X  

TAS3202 Datasheet(PDF) 1 Page - Texas Instruments

Part # TAS3202
Description  AUDIO DSP WITH ANALOG INTERFACE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS3202 Datasheet(HTML) 1 Page - Texas Instruments

  TAS3202 Datasheet HTML 1Page - Texas Instruments TAS3202 Datasheet HTML 2Page - Texas Instruments TAS3202 Datasheet HTML 3Page - Texas Instruments TAS3202 Datasheet HTML 4Page - Texas Instruments TAS3202 Datasheet HTML 5Page - Texas Instruments TAS3202 Datasheet HTML 6Page - Texas Instruments TAS3202 Datasheet HTML 7Page - Texas Instruments TAS3202 Datasheet HTML 8Page - Texas Instruments TAS3202 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 69 page
background image
TAS3202
www.ti.com
SLES208B – JUNE 2009 – REVISED MARCH 2011
AUDIO DSP WITH ANALOG INTERFACE
Check for Samples: TAS3202
1
Introduction
1.1
Features
1
• High-Quality Audio Performance:
• 48-kHz Sample Rate in Clock Master Mode
102-dB Analog-to-Digital Converter
• 44.1-kHz or 48-kHz Sample Rate in Clock Slave
(ADC)/105-dB Digital-to-Analog Converter
Mode
(DAC) (Typical) DNR
• 48-Bit Data Path and 28-Bit Coefficients
• Two Differential Stereo Analog Inputs
• 768 Words of 48-Bit Data Memory
Multiplexed to One Stereo Input ADC
• 1022 Words of 28-Bit Coefficient Memory
• One Differential Stereo Output DAC
• 3K Words of 55-Bit Program RAM
• Two Serial Audio Inputs (Four Channels) and
• Hardware Single-Cycle Multiplier (28×48)
Two Serial Audio Outputs (Four Channels)
• 5.88K Words of 24-Bit Delay Memory
• 135-MHz Maximum Speed, >2812 Total
(122.5 ms at 48 kHz)
Processing Cycles Per Sample at 48 kHz (2000
• Data Formats: Left Justified, Right Justified,
Available for Application Code)
and I2S
• 512×Fs XTAL Input in Master Mode,
• Two I2C Ports for Slave/Master Download
512×Fs MCLK_IN in Slave Mode
• Single 3.3-V Power Supply
1.2
Applications
•
MP3 Docking Systems
•
Digital Televisions
•
Mini-Component Audio
1.3
Description
The TAS3202 is an audio system-on-a-chip (SOC) designed for mini/micro systems, multimedia-speaker,
and MP3 player docking systems. It includes analog interface functions: two multiplex (MUX) stereo inputs
with one stereo analog-to-digital converter (ADC) and one stereo digital-to-analog converter (DAC) with
analog outputs consisting of differential stereo line drivers. Four channels of serial digital audio processing
are also provided. The TAS3202 has a programmable audio digital signal processor (DSP) that preserves
high-quality audio by using a 48-bit data path, 28-bit filter coefficients, and a single-cycle 28×48-bit
multiplier. The programmability feature allows users to customize features in the DSP RAM.
The TAS3202 is composed of eight functional blocks:
1. Analog input/mux/stereo ADC
2. Stereo DAC
3. Analog reference system
4. Power supply
5. Clocks, digital PLL, and serial data interface
6. I2C control interface
7. 8051 microcontroller
8. Audio DSP – digital audio processing
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TAS3202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS3202 TI1-TAS3202 Datasheet
802Kb / 66P
AUDIO DSP WITH ANALOG INTERFACE
TAS3202PAG TI1-TAS3202PAG Datasheet
802Kb / 66P
AUDIO DSP WITH ANALOG INTERFACE
TAS3202PAGR TI1-TAS3202PAGR Datasheet
802Kb / 66P
AUDIO DSP WITH ANALOG INTERFACE
More results

Similar Description - TAS3202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM29C18 TI-TCM29C18 Datasheet
265Kb / 17P
ANALOG INTERFACE FOR DSP
TAS3208 TI-TAS3208 Datasheet
221Kb / 9P
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3204 TI-TAS3204 Datasheet
1Mb / 72P
AUDIO DSP WITH ANALOG INTERFACE
TAS3308 TI-TAS3308 Datasheet
370Kb / 11P
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3218 TI-TAS3218 Datasheet
1Mb / 78P
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3218 TI-TAS3218_1 Datasheet
1Mb / 79P
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3202 TI1-TAS3202 Datasheet
802Kb / 66P
AUDIO DSP WITH ANALOG INTERFACE
TCM320AC46 TI1-TCM320AC46 Datasheet
254Kb / 19P
GEBERAL-PURPOSE AUDIO INTERFACE FOR DSP
TAS3208 TI1-TAS3208_15 Datasheet
991Kb / 79P
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
logo
Cirrus Logic
CS48L32 CIRRUS-CS48L32 Datasheet
9Mb / 192P
Low-Power Audio DSP with Microphone Interface
F4 NOV 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com